Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63810 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS63810
Description  TPS63810 2.5-A Buck-Boost Converter with I2C Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63810 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS63810 Datasheet HTML 3Page - Texas Instruments TPS63810 Datasheet HTML 4Page - Texas Instruments TPS63810 Datasheet HTML 5Page - Texas Instruments TPS63810 Datasheet HTML 6Page - Texas Instruments TPS63810 Datasheet HTML 7Page - Texas Instruments TPS63810 Datasheet HTML 8Page - Texas Instruments TPS63810 Datasheet HTML 9Page - Texas Instruments TPS63810 Datasheet HTML 10Page - Texas Instruments TPS63810 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
TPS63810
www.ti.com
SLVSEK4 – JULY 2019
Product Folder Links: TPS63810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Timing Requirements (continued)
Over operating junction temperature range and recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tVD;ACK
Data valid acknowledge time
Standard mode
3.45
µs
Fast mode
0.9
Fast mode plus
0.45
Cb
Capacitive load for each bus line
Standard mode
400
Fast mode
400
Fast mode plus
550
tw(VSEL)
VSEL pulse duration
VSEL = high or low
5
µs
6.7 Switching Characteristics
Over operating junction temperature range and recommended input voltage range (unless otherwise noted). Typical values
are at VI = 3.6 V, VO = 3.3 V, and TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(EN)
Delay between a rising edge on the
EN pin and the start of the output
voltage ramp
TJ = 25°C, VI = 3.6 V
229
440
µs
td(PG)
Power-good delay
VO falling
50
µs
SR
Slew rate of internal ramp during dynamic
voltage scaling
SLEW = 00b, forced-PWM operation
±1
V/ms
SLEW = 01b, forced-PWM operation
±2.5
SLEW = 10b, forced-PWM operation
±5
SLEW = 11b, forced-PWM operation
±10
Switching frequency
PWM operation, IO = 100 mA
0.5
3.1
MHz
td(VSEL)
Delay between rising edge of VSEL and
start of DVS ramp
Measured from rising edge of VSEL to
start of ramp.
5
µs


Numéro de pièce similaire - TPS63810

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63810 TI1-TPS63810 Datasheet
1Mb / 41P
[Old version datasheet]   TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810 Datasheet
1Mb / 43P
[Old version datasheet]   TPS63810 and TPS63811 ??2.5-A Buck-Boost Converters with I2C Interface
TPS63810YFFR TI1-TPS63810YFFR Datasheet
1Mb / 41P
[Old version datasheet]   TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810YFFR TI1-TPS63810YFFR Datasheet
1Mb / 43P
[Old version datasheet]   TPS63810 and TPS63811 ??2.5-A Buck-Boost Converters with I2C Interface
TPS63810 TI1-TPS63810_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TPS63810 2.5-A Buck-Boost Converter with I2C Interface
More results

Description similaire - TPS63810

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63810 TI1-TPS63810_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810_V02 Datasheet
1Mb / 43P
[Old version datasheet]   TPS63810 and TPS63811 ??2.5-A Buck-Boost Converters with I2C Interface
TPS55289 TI-TPS55289_V01 Datasheet
3Mb / 51P
[Old version datasheet]   TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface
REVISED AUGUST 2022
TPS55289 TI-TPS55289 Datasheet
3Mb / 48P
[Old version datasheet]   TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface
MARCH 2022
TPS55288 TI1-TPS55288 Datasheet
1,010Kb / 45P
[Old version datasheet]   TPS55288 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1_V01 Datasheet
3Mb / 60P
[Old version datasheet]   TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
DECEMBER 2021
TPS55289-Q1 TI1-TPS55289-Q1 Datasheet
5Mb / 53P
[Old version datasheet]   TPS55289-Q1 36V, 8A Buck-Boost Converter with I2C Interface
DECEMBER 2023
logo
Fairchild Semiconductor
FAN49103 FAIRCHILD-FAN49103 Datasheet
462Kb / 2P
   2.5 A, 1.8 MHz, TinyPower??I2C Buck-Boost Regulator
logo
Richtek Technology Corp...
RT6160A RICHTEK-RT6160A Datasheet
2Mb / 32P
   Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com