Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63810 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS63810
Description  TPS63810 2.5-A Buck-Boost Converter with I2C Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63810 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS63810 Datasheet HTML 1Page - Texas Instruments TPS63810 Datasheet HTML 2Page - Texas Instruments TPS63810 Datasheet HTML 3Page - Texas Instruments TPS63810 Datasheet HTML 4Page - Texas Instruments TPS63810 Datasheet HTML 5Page - Texas Instruments TPS63810 Datasheet HTML 6Page - Texas Instruments TPS63810 Datasheet HTML 7Page - Texas Instruments TPS63810 Datasheet HTML 8Page - Texas Instruments TPS63810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
TPS63810
SLVSEK4 – JULY 2019
www.ti.com
Product Folder Links: TPS63810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal, unless otherwise noted.
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VI
Input voltage (VIN, L1, L2, VOUT, SCL, SDA, EN, VSEL)(2)
–0.3
6
V
Input voltage for less than 10 ns (L1, L2) (2)
–3
9
V
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
The device can sustain the maximum recommended output current only for short durations before its junction temperature gets too hot.
Users must verify that the thermal performance of the end application can support the maximum output current.
(2)
Effective capacitance after DC bias effects have been considered.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
Supply voltage
2.2
5.5
V
VO
Output voltage
1.825
5
V
VIH
High-level input voltage
SCL, SDA, VSEL
1.3
VI
V
VIL
Low-level input voltage
SCL, SDA, VSEL
0
0.3
V
VI
Input voltage
EN
0
VI
V
IO
Output current(1)
VO = 3.3 V, VI ≥ 2.5 V
2.5
A
VO = 3.5 V, VI ≥ 2.5 V
2
A
VO = 3.5 V, VI ≥ 2.8 V
2.5
A
CI
Input capacitance(2)
VI = 2.5 V to 5 V, VO = 3.3 V,
IO = 2.5 A
5
µF
CO
Output capacitance(2)
VI = 2.5 V to 5 V, VO = 3.3 V,
IO = 2.5 A
16
µF
L
Inductance
390
470
560
nH
TA
Operating free-air temperature range
–40
85
°C
TJ
Operating junction temperature range
–40
125
°C


Numéro de pièce similaire - TPS63810

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63810 TI1-TPS63810 Datasheet
1Mb / 41P
[Old version datasheet]   TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810 Datasheet
1Mb / 43P
[Old version datasheet]   TPS63810 and TPS63811 ??2.5-A Buck-Boost Converters with I2C Interface
TPS63810YFFR TI1-TPS63810YFFR Datasheet
1Mb / 41P
[Old version datasheet]   TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810YFFR TI1-TPS63810YFFR Datasheet
1Mb / 43P
[Old version datasheet]   TPS63810 and TPS63811 ??2.5-A Buck-Boost Converters with I2C Interface
TPS63810 TI1-TPS63810_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TPS63810 2.5-A Buck-Boost Converter with I2C Interface
More results

Description similaire - TPS63810

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63810 TI1-TPS63810_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810_V02 Datasheet
1Mb / 43P
[Old version datasheet]   TPS63810 and TPS63811 ??2.5-A Buck-Boost Converters with I2C Interface
TPS55289 TI-TPS55289_V01 Datasheet
3Mb / 51P
[Old version datasheet]   TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface
REVISED AUGUST 2022
TPS55289 TI-TPS55289 Datasheet
3Mb / 48P
[Old version datasheet]   TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface
MARCH 2022
TPS55288 TI1-TPS55288 Datasheet
1,010Kb / 45P
[Old version datasheet]   TPS55288 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1_V01 Datasheet
3Mb / 60P
[Old version datasheet]   TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
DECEMBER 2021
TPS55289-Q1 TI1-TPS55289-Q1 Datasheet
5Mb / 53P
[Old version datasheet]   TPS55289-Q1 36V, 8A Buck-Boost Converter with I2C Interface
DECEMBER 2023
logo
Fairchild Semiconductor
FAN49103 FAIRCHILD-FAN49103 Datasheet
462Kb / 2P
   2.5 A, 1.8 MHz, TinyPower??I2C Buck-Boost Regulator
logo
Richtek Technology Corp...
RT6160A RICHTEK-RT6160A Datasheet
2Mb / 32P
   Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com