Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2410 Fiches technique(PDF) 18 Page - Texas Instruments

No de pièce TPS2410
Description  Full Featured N1 and ORing Power Rail Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2410 Fiches technique(HTML) 18 Page - Texas Instruments

Back Button TPS2410_V01 Datasheet HTML 14Page - Texas Instruments TPS2410_V01 Datasheet HTML 15Page - Texas Instruments TPS2410_V01 Datasheet HTML 16Page - Texas Instruments TPS2410_V01 Datasheet HTML 17Page - Texas Instruments TPS2410_V01 Datasheet HTML 18Page - Texas Instruments TPS2410_V01 Datasheet HTML 19Page - Texas Instruments TPS2410_V01 Datasheet HTML 20Page - Texas Instruments TPS2410_V01 Datasheet HTML 21Page - Texas Instruments TPS2410_V01 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
GATE DRIVE, CHARGE PUMP AND C(BYP)
FAST COMPARATOR INPUT FILTERING – C(FLTR)
(
)
æ
ö
ç
÷
è
ø
v2
t
= - R × C
× ln
DLY
(FLTR)
v -v
2 1
(4)
C(FLTR)
Source
Load
A
C
FLTR
Fast
Comparator
Turn-on
Amplifier/
Comparator
v
1
t
DLY
time
Comparator Input
Bus Transient
v
1
t
DLY
time
Comparator Input
Bus Transient
Dt
DLY
V2
V1
V1
V2
TPS2410
TPS2411
SLVS727C – NOVEMBER 2006 – REVISED JUNE 2009 .................................................................................................................................................. www.ti.com
Gate drive of 270
µA typical is generated by an internal charge pump and current limiter. A separate supply, V
DD,
is provided to avoid having the large charge pump currents interfere with voltage sensing by the A and C pins.
The GATE drive voltage is referenced to V(A) as GATE will only driven high when V(A) > V(C). The recommended
capacitor on BYP (bypass) must be used in order to form a quiet supply for the internal high-speed comparator.
V(GATE) must not exceed V(BYP).
The FLTR (filter) pin enables a simple method of filtering the input to the fast turn-off comparator as
demonstrated in Figure 14. To minimize the impact of a bus fault, the ORing controller turns off the external
MOSFET as fast as possible when a voltage reversal occurs. However, having a fast reaction increases the
likelihood that noise or non-fault transients may cause false triggering. Examples of such transients are ESD,
EFT, RF induction, step loads, and insertion of high-inrush units. The effect of the filter on a time-domain
transient are illustrated by assuming a step input from positive to negative. The expression for the time to reach 0
V across the fast comparator inputs follows, where the variables are defined in Figure 14.
Figure 14 graphically illustrates that the external MOSFET is turned off after a longer delay for a small transient
than a large voltage reversal. For example, the delay from 10 mV forward to 10-mV reverse is about 52 ns (R =
520
Ω, C = 150 pF), while the delay for a 100-mV reverse transient is 7 ns. It is unlikely that the transient in a
real system is a step response, making exact calculations on the effect of the R-C filter to a specific transient
difficult.
The need for a C(FLTR), and its value, is dependent on the electrical noise environment of the particular system. If
the electrical environment is understood, the need for the filter, or its value, is selected based on approximations
or simulations. If the system is not understood or does not exist when the TPS2410 circuit design is completed, it
is recommended that a C(FLTR) of 100 pF be included in initial schematics. Evaluation of system performance may
allow removal of C(FLTR). The tolerance of the internal resistance is about ±25% including temperature variations.
Figure 14. Fast Comparator Input Filtering
18
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2410 TPS2411


Numéro de pièce similaire - TPS2410_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
More results

Description similaire - TPS2410_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com