Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD4E001 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPD4E001
Description  TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001 Fiches technique(HTML) 4 Page - Texas Instruments

  TPD4E001_V02 Datasheet HTML 1Page - Texas Instruments TPD4E001_V02 Datasheet HTML 2Page - Texas Instruments TPD4E001_V02 Datasheet HTML 3Page - Texas Instruments TPD4E001_V02 Datasheet HTML 4Page - Texas Instruments TPD4E001_V02 Datasheet HTML 5Page - Texas Instruments TPD4E001_V02 Datasheet HTML 6Page - Texas Instruments TPD4E001_V02 Datasheet HTML 7Page - Texas Instruments TPD4E001_V02 Datasheet HTML 8Page - Texas Instruments TPD4E001_V02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1
2
3
6
5
4
IO1
VCC
IO2
IO3
GND
IO4
IO3
GND
V
CC
IO4
1
2
6
3
5
4
IO1
IO2
IO1
IO2
GND
V
CC
IO4
IO3
1
2
3
4
5
6
IO3
IO2
V
CC
IO4
1
2
6
3
5
4
IO1
GND
IO1
IO2
GND
V
CC
IO4
IO3
GND
1
2
3
4
5
6
IO3
GND
V
CC
IO4
1
2
6
3
5
4
IO2
IO1
4
TPD4E001
SLLS682O – JULY 2006 – REVISED JULY 2019
www.ti.com
Product Folder Links: TPD4E001
Submit Documentation Feedback
Copyright © 2006–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRL Package
6-Pin SOT
Top View
DCK2 Package
6-Pin SC70
Top View
DBV or DCK Package
6-Pin SOT or SC70
Top View
DRS Package
6-Pin SON
Top View
DPK Package
6-Pin USON
Top View
TPD4E001R DBV Package
6-Pin SOT
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DRS, DRL, DPK
DBV, DCK
TPD4E001R
GND
3
2
5
Ground
IOx
1
1
1
I
ESD-protected channel
2
3
3
4
4
4
5
6
6
VCC
6
5
2
I
Power-supply input. Bypass VCC to GND with a 0.1-μF
ceramic capacitor
Exposed thermal
pad (DRS package only)
Exposed thermal pad. Connect to GND or leave floating


Numéro de pièce similaire - TPD4E001_V02

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results

Description similaire - TPD4E001_V02

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com