Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM5ZD6V8 Fiches technique(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

No de pièce MM5ZD6V8
Description  Silicon Epitaxial Planar Bi-directional Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MM5ZD6V8 Fiches technique(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  MM5ZD6V8 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MM5ZD6V8 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MM5ZD6V8 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated: 24/08/2015
Rev: 01
®
SEMTECH ELECTRONICS LTD.
MM5ZD6V8
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-523
mm
A
UNIT
D
A
b
CD
E
H
V
H
ALL ROUND
E
E
p
0.70
0.60
0.4
0.3
0.135
0.100
1.25
1.15
0.85
0.75
1.7
1.5
0.1
5O


Numéro de pièce similaire - MM5ZD6V8

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
MM5Z DGNJDZ-MM5Z Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
SeCoS Halbleitertechnol...
MM5Z SECOS-MM5Z Datasheet
76Kb / 4P
   100 mW, SOD-523 Series Surface Mount Zener Diodes
logo
Nexperia B.V. All right...
MM5Z NEXPERIA-MM5Z Datasheet
277Kb / 10P
   Voltage regulator diodes
Rev. 1 - 7 April 2021
logo
Shanghai Leiditech Elec...
MM5Z10 LEIDITECH-MM5Z10 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
MM5Z10 LEIDITECH-MM5Z10 Datasheet
527Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Description similaire - MM5ZD6V8

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RKZ16TKG RENESAS-RKZ16TKG Datasheet
51Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ18TWAQE RENESAS-RKZ18TWAQE Datasheet
55Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ9.0TKP RENESAS-RKZ9.0TKP Datasheet
70Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ16TWAQE RENESAS-RKZ16TWAQE Datasheet
55Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ18TKG RENESAS-RKZ18TKG Datasheet
51Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ7.5TKL RENESAS-RKZ7.5TKL Datasheet
67Kb / 7P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ7.5TKP RENESAS-RKZ7.5TKP Datasheet
68Kb / 7P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
logo
Fairchild Semiconductor
FKN2L80 FAIRCHILD-FKN2L80 Datasheet
155Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF12N60 FAIRCHILD-FKPF12N60 Datasheet
131Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKN2L60 FAIRCHILD-FKN2L60 Datasheet
127Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com