Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS-919GC-C Fiches technique(PDF) 1 Page - DATEL, Inc.

No de pièce ADS-919GC-C
Description  Sampling A/D Converters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATEL [DATEL, Inc.]
Site Internet  http://www.datel.com/
Logo DATEL - DATEL, Inc.

ADS-919GC-C Fiches technique(HTML) 1 Page - DATEL, Inc.

  ADS-919GC-C Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number ADS-919GC-C, Sampling A/D Converters
Specifications
Resolution
14 Bit
Number of Channels
1
Sampling Rate
2 MHz
Acquisition Time
190 ns
Power Consumption
1.8 W
Differential Non-Linearity Error/Other
0.5 LSB
Integral Non-Linearity Error/Other
0.75 LSB
Package Type
SMT
Input Range 1st (min)
0 V
Input Range 1st (max)
10 V
Required Supply Voltage 1st
5 V
Required Supply Voltage 3rd
15 V
Required Supply Voltage 4th
-15 V
Total Harmonic Distortion
-74 dB
Signal to Noise Ratio
77 dB
Analog Bandwidth
9 MHz
Operating Temp. Range (min)
0 ºC
Operating Temp. Range (max)
+70 ºC
RoHS
Yes
Status
Recommended for new design
14 Bit, 2MHz (2MSPS), Sampling Analog to Digital (A/D) Converter, 0 to +10V Input range, no pipeline
delays, 0°C to +70°C temperature range, surface mount package, RoHS Compliant.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
8/15/2019 | Page 1 of 1


Numéro de pièce similaire - ADS-919GC-C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ADS-919GC ETC-ADS-919GC Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919GC MURATA-PS-ADS-919GC Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-919GC MURATA-PS-ADS-919GC Datasheet
192Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-919GC DATEL-ADS-919GC Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Description similaire - ADS-919GC-C

FabricantNo de pièceFiches techniqueDescription
logo
DATEL, Inc.
ADS-919MM-QL DATEL-ADS-919MM-QL Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-926MC-C DATEL-ADS-926MC-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-926MM-QL-C DATEL-ADS-926MM-QL-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-930MC-C DATEL-ADS-930MC-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-942AME DATEL-ADS-942AME Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-942MC-C DATEL-ADS-942MC-C Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-943-C883 DATEL-ADS-943-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-943GC DATEL-ADS-943GC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-930-C883 DATEL-ADS-930-C883 Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-944-C883 DATEL-ADS-944-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-945EX-C DATEL-ADS-945EX-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com