Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M2160-3005-SS Fiches technique(PDF) 1 Page - RAF ELECTRONIC HARDWARE

No de pièce M2160-3005-SS
Description  6 MM HEX MALE-FEMALE STANDOFFS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAF [RAF ELECTRONIC HARDWARE]
Site Internet  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

M2160-3005-SS Fiches technique(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  M2160-3005-SS Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
0.236
[6.00]
HEX
0.187
[4.76]
1½ THREADS MAX.
TO MINOR DIA.
0.984
[25.00]
0.252
[6.40]
6 MM HEX MALE-FEMALE STANDOFFS
M2160-3005-SS
3.50
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/08/17
COMPONENT
STANDOFFS
NOTES:
1. Material : Stainless Steel
2. Finish : No Plate
3. ASME Y14.5M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
THREAD
M3X0.5
THREAD
M3X0.5


Numéro de pièce similaire - M2160-3005-SS

FabricantNo de pièceFiches techniqueDescription
logo
RAF ELECTRONIC HARDWARE
M2160-3005-AL RAF-M2160-3005-AL Datasheet
83Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2160-3005-B RAF-M2160-3005-B Datasheet
84Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
More results

Description similaire - M2160-3005-SS

FabricantNo de pièceFiches techniqueDescription
logo
RAF ELECTRONIC HARDWARE
M2147-3005-SS RAF-M2147-3005-SS Datasheet
86Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2147-3506-AL RAF-M2147-3506-AL Datasheet
93Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2149-3005-SS RAF-M2149-3005-SS Datasheet
88Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2140-3005-AL RAF-M2140-3005-AL Datasheet
75Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2148-3005-SS RAF-M2148-3005-SS Datasheet
87Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2149-3005-S RAF-M2149-3005-S Datasheet
88Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2149-4007-SS RAF-M2149-4007-SS Datasheet
105Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2150-3005-AL RAF-M2150-3005-AL Datasheet
83Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2165-3005-AL RAF-M2165-3005-AL Datasheet
83Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2151-3005-N RAF-M2151-3005-N Datasheet
84Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
M2154-3005-SS RAF-M2154-3005-SS Datasheet
84Kb / 1P
   6 MM HEX MALE-FEMALE STANDOFFS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com