Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV320ADC6140 Fiches technique(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLV320ADC6140
Description  TLV320ADC6140 Quad-Channel, 768-kHz, Burr-Brown Audio ADC
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320ADC6140 Fiches technique(HTML) 85 Page - Texas Instruments

Back Button TLV320ADC6140 Datasheet HTML 81Page - Texas Instruments TLV320ADC6140 Datasheet HTML 82Page - Texas Instruments TLV320ADC6140 Datasheet HTML 83Page - Texas Instruments TLV320ADC6140 Datasheet HTML 84Page - Texas Instruments TLV320ADC6140 Datasheet HTML 85Page - Texas Instruments TLV320ADC6140 Datasheet HTML 86Page - Texas Instruments TLV320ADC6140 Datasheet HTML 87Page - Texas Instruments TLV320ADC6140 Datasheet HTML 88Page - Texas Instruments TLV320ADC6140 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 122 page
background image
85
TLV320ADC6140
www.ti.com
SBAS992 – JULY 2019
Product Folder Links: TLV320ADC6140
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 99. CH3_CFG0 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
6-5
CH3_INSRC[1:0]
R/W
0h
Channel 3 input configuration.
0d = Analog differential input (the GPI3 and GPO3 pin functions must be
disabled)
1d = Analog single-ended input (the GPI3 and GPO3 pin functions must be
disabled)
2d = Digital microphone PDM input (configure the GPO and GPI pins
accordingly for PDMDIN2 and PDMCLK)
3d = Reserved
4
CH3_DC
R/W
0h
Channel 3 input coupling (applicable for the analog input).
0d = AC-coupled input
1d = DC-coupled input
3-2
CH3_IMP[1:0]
R/W
0h
Channel 3 input impedance (applicable for the analog input).
0d = Typical 2.5-kΩ input impedance
1d = Typical 10-kΩ input impedance
2d = Typical 20-kΩ input impedance
3d = Reserved
1
Reserved
R
0h
Reserved
0
CH3_DREEN
R/W
0h
Channel 3 dynamic range enhancer (DRE) and automatic gain controller
(AGC) setting.
0d = DRE and AGC disabled
1d = DRE or AGC enabled based on the configuration of bit 3 in register 108
(P0_R108)
8.6.1.1.47
CH3_CFG1 Register (page = 0x00, address = 0x47) [reset = 0h]
This register is configuration register 1 for channel 3.
Figure 133. CH3_CFG1 Register
7
6
5
4
3
2
1
0
CH3_GAIN[5:0]
Reserved
R/W-0h
R-0h
Table 100. CH3_CFG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
CH3_GAIN[5:0]
R/W
0h
Channel 3 gain.
0d = Channel gain is set to 0 dB
1d = Channel gain is set to 1 dB
2d = Channel gain is set to 2 dB
3d to 41d = Channel gain is set as per configuration
42d = Channel gain is set to 42 dB
43d to 63d = Reserved
1-0
Reserved
R
0h
Reserved
8.6.1.1.48
CH3_CFG2 Register (page = 0x00, address = 0x48) [reset = C9h]
This register is configuration register 2 for channel 3.
Figure 134. CH3_CFG2 Register
7
6
5
4
3
2
1
0
CH3_DVOL[7:0]
R/W-C9h


Numéro de pièce similaire - TLV320ADC6140

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320ADC6140 TI1-TLV320ADC6140 Datasheet
2Mb / 122P
[Old version datasheet]   TLV320ADC5140 Quad-Channel, 768-kHz, Burr-Brown Audio ADC
TLV320ADC6140 TI1-TLV320ADC6140 Datasheet
3Mb / 124P
[Old version datasheet]   TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6140 TI1-TLV320ADC6140 Datasheet
4Mb / 122P
[Old version datasheet]   PCM3140-Q1 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
DECEMBER 2023
TLV320ADC6140IRTWR TI1-TLV320ADC6140IRTWR Datasheet
3Mb / 124P
[Old version datasheet]   TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6140IRTWT TI1-TLV320ADC6140IRTWT Datasheet
3Mb / 124P
[Old version datasheet]   TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
More results

Description similaire - TLV320ADC6140

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320ADC6140 TI1-TLV320ADC6140_V01 Datasheet
3Mb / 124P
[Old version datasheet]   TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140 Datasheet
2Mb / 120P
[Old version datasheet]   Quad-Channel, 768-kHz, Burr-Brown Audio ADC
TLV320ADC5140 TI1-TLV320ADC5140 Datasheet
2Mb / 122P
[Old version datasheet]   TLV320ADC5140 Quad-Channel, 768-kHz, Burr-Brown Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
[Old version datasheet]   TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
[Old version datasheet]   TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5140 TI1-TLV320ADC5140_V01 Datasheet
3Mb / 124P
[Old version datasheet]   TLV320ADC5140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6120 TI-TLV320ADC6120_V01 Datasheet
5Mb / 130P
[Old version datasheet]   TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5120 TI-TLV320ADC5120_V01 Datasheet
5Mb / 130P
[Old version datasheet]   TLV320ADC5120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3120 TI-TLV320ADC3120_V01 Datasheet
5Mb / 120P
[Old version datasheet]   TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6120 TI-TLV320ADC6120 Datasheet
4Mb / 120P
[Old version datasheet]   TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com