Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV320ADC6140 Fiches technique(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLV320ADC6140
Description  TLV320ADC6140 Quad-Channel, 768-kHz, Burr-Brown Audio ADC
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320ADC6140 Fiches technique(HTML) 17 Page - Texas Instruments

Back Button TLV320ADC6140 Datasheet HTML 13Page - Texas Instruments TLV320ADC6140 Datasheet HTML 14Page - Texas Instruments TLV320ADC6140 Datasheet HTML 15Page - Texas Instruments TLV320ADC6140 Datasheet HTML 16Page - Texas Instruments TLV320ADC6140 Datasheet HTML 17Page - Texas Instruments TLV320ADC6140 Datasheet HTML 18Page - Texas Instruments TLV320ADC6140 Datasheet HTML 19Page - Texas Instruments TLV320ADC6140 Datasheet HTML 20Page - Texas Instruments TLV320ADC6140 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 122 page
background image
17
TLV320ADC6140
www.ti.com
SBAS992 – JULY 2019
Product Folder Links: TLV320ADC6140
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TLV320ADC6140 is a high-performance, low-power, flexible, quad-channel, audio analog-to-digital converter
(ADC) with extensive feature integration. This device is intended for applications in voice-activated systems,
professional microphones, audio conferencing, portable computing, communication, and entertainment
applications. The high dynamic range of the device enables far-field audio recording with high fidelity. This device
integrates a host of features that reduces cost, board space, and power consumption in space-constrained,
battery-powered, consumer, home, and industrial applications.
The TLV320ADC6140 consists of the following blocks:
Quad-channel, multibit, high-performance delta-sigma (ΔΣ) ADC
Configurable single-ended or differential audio inputs
Low-noise, programmable microphone bias output
Dynamic range enhancer (DRE) to support 120-dB dynamic range
Automatic gain controller (AGC)
Programmable decimation filters with linear-phase or low-latency filter
Programmable channel gain, volume control, biquad filters for each channel
Programmable phase and gain calibration with fine resolution for each channel
Programmable high-pass filter (HPF), and digital channel mixer
Pulse density modulation (PDM) digital microphone interface with high-performance decimation filter
Integrated low-jitter phase-locked loop (PLL) supporting a wide range of system clocks
Integrated digital and analog voltage regulators to support single-supply operation
Communication to the TLV320ADC6140 to configure the control registers is supported using an I2C or SPI
interface. The device supports a highly flexible audio serial interface [time-division multiplexing (TDM), I2S, or
left-justified (LJ)] to transmit audio data seamlessly in the system across devices.
The device can support multiple devices by sharing the common I2C and TDM buses across devices. Moreover,
the device includes a daisy-chain feature and a secondary audio serial output data pin. These features relax the
shared TDM bus timing requirements and board design complexities when operating multiple devices for
applications requiring high audio data bandwidth.
Table 1 lists the reference abbreviations used throughout this document to registers that control the device.
Table 1. Abbreviations for Register References
REFERENCE
ABBREVIATION
DESCRIPTION
EXAMPLE
Page y, register z, bit k
Py_Rz_Dk
Single data bit. The value of a
single bit in a register.
Page 4, register 36, bit 0 = P4_R36_D0
Page y, register z, bits k-m
Py_Rz_D[k:m]
Range of data bits. A range of
data bits (inclusive).
Page 4, register 36, bits 3-0 = P4_R36_D[3:0]
Page y, register z
Py_Rz
One entire register. All eight
bits in the register as a unit.
Page 4, register 36 = P4_R36
Page y, registers z-n
Py_Rz-Rn
Range of registers. A range of
registers in the same page.
Page 4, registers 36, 37, 38 = P4_R36-R38


Numéro de pièce similaire - TLV320ADC6140

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320ADC6140 TI1-TLV320ADC6140 Datasheet
2Mb / 122P
[Old version datasheet]   TLV320ADC5140 Quad-Channel, 768-kHz, Burr-Brown Audio ADC
TLV320ADC6140 TI1-TLV320ADC6140 Datasheet
3Mb / 124P
[Old version datasheet]   TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6140 TI1-TLV320ADC6140 Datasheet
4Mb / 122P
[Old version datasheet]   PCM3140-Q1 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
DECEMBER 2023
TLV320ADC6140IRTWR TI1-TLV320ADC6140IRTWR Datasheet
3Mb / 124P
[Old version datasheet]   TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6140IRTWT TI1-TLV320ADC6140IRTWT Datasheet
3Mb / 124P
[Old version datasheet]   TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
More results

Description similaire - TLV320ADC6140

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320ADC6140 TI1-TLV320ADC6140_V01 Datasheet
3Mb / 124P
[Old version datasheet]   TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140 Datasheet
2Mb / 120P
[Old version datasheet]   Quad-Channel, 768-kHz, Burr-Brown Audio ADC
TLV320ADC5140 TI1-TLV320ADC5140 Datasheet
2Mb / 122P
[Old version datasheet]   TLV320ADC5140 Quad-Channel, 768-kHz, Burr-Brown Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
[Old version datasheet]   TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
[Old version datasheet]   TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5140 TI1-TLV320ADC5140_V01 Datasheet
3Mb / 124P
[Old version datasheet]   TLV320ADC5140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6120 TI-TLV320ADC6120_V01 Datasheet
5Mb / 130P
[Old version datasheet]   TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5120 TI-TLV320ADC5120_V01 Datasheet
5Mb / 130P
[Old version datasheet]   TLV320ADC5120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3120 TI-TLV320ADC3120_V01 Datasheet
5Mb / 120P
[Old version datasheet]   TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6120 TI-TLV320ADC6120 Datasheet
4Mb / 120P
[Old version datasheet]   TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com