Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLA2518 Fiches technique(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLA2518
Description  TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLA2518 Fiches technique(HTML) 28 Page - Texas Instruments

Back Button TLA2518 Datasheet HTML 24Page - Texas Instruments TLA2518 Datasheet HTML 25Page - Texas Instruments TLA2518 Datasheet HTML 26Page - Texas Instruments TLA2518 Datasheet HTML 27Page - Texas Instruments TLA2518 Datasheet HTML 28Page - Texas Instruments TLA2518 Datasheet HTML 29Page - Texas Instruments TLA2518 Datasheet HTML 30Page - Texas Instruments TLA2518 Datasheet HTML 31Page - Texas Instruments TLA2518 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AIN/GPIO
SCLK
SDI
AVDD
DECAP
28
TLA2518
SBAS980 – JUNE 2019
www.ti.com
Product Folder Links: TLA2518
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Figure 33 shows a board layout example for the TLA2518. Avoid crossing digital lines with the analog signal path
and keep the analog input signals and the AVDD supply away from noise sources.
Use 1-µF ceramic bypass capacitors in close proximity to the analog (AVDD) and digital (DVDD) power-supply
pins. Avoid placing vias between the AVDD and DVDD pins and the bypass capacitors. Connect the GND pin to
the ground plane using short, low-impedance paths. The AVDD supply voltage also functions as the reference
voltage for the TLA2518. Place the decoupling capacitor (CREF) for AVDD close to the device AVDD and GND
pins and connect CREF to the device pins with thick copper tracks.
10.2 Layout Example
Figure 33. Example Layout


Numéro de pièce similaire - TLA2518

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
TLA2528IRTER TI1-TLA2528IRTER Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
TLA2528IRTET TI1-TLA2528IRTET Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
TLA25GMA TI1-TLA25GMA Datasheet
720Kb / 26P
[Old version datasheet]   Uplink Far Field Noise Suppression & Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
More results

Description similaire - TLA2518

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS7038 TI1-ADS7038 Datasheet
661Kb / 70P
[Old version datasheet]   ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7028 TI1-ADS7028 Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038-Q1 TI1-ADS7038-Q1 Datasheet
984Kb / 76P
[Old version datasheet]   ADS7038-Q1 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038-Q1 TI-ADS7038-Q1_V01 Datasheet
2Mb / 88P
[Old version datasheet]   ADS7038-Q1 Small, 8-Channel, 12-Bit ADC with SPI Interface, GPIOs, and CRC
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
ADS7138 TI1-ADS7138 Datasheet
708Kb / 75P
[Old version datasheet]   Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7128 TI1-ADS7128 Datasheet
816Kb / 79P
[Old version datasheet]   Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7138-Q1 TI1-ADS7138-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   ADS7138-Q1 Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7138-Q1 TI-ADS7138-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   ADS7138-Q1 Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7066 TI1-ADS7066_V01 Datasheet
809Kb / 38P
[Old version datasheet]   ADS7066 Small, 8-Channel, 16-Bit SAR ADC With GPIOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com