Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC1336 Fiches technique(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336 Fiches technique(HTML) 14 Page - Texas Instruments

Back Button AMC1336 Datasheet HTML 10Page - Texas Instruments AMC1336 Datasheet HTML 11Page - Texas Instruments AMC1336 Datasheet HTML 12Page - Texas Instruments AMC1336 Datasheet HTML 13Page - Texas Instruments AMC1336 Datasheet HTML 14Page - Texas Instruments AMC1336 Datasheet HTML 15Page - Texas Instruments AMC1336 Datasheet HTML 16Page - Texas Instruments AMC1336 Datasheet HTML 17Page - Texas Instruments AMC1336 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14
AMC1336
SBAS951 – AUGUST 2019
www.ti.com
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
As depicted in Figure 6, the modulator shifts the quantization noise to high frequencies. Therefore, use a low-
pass digital filter at the output of the device to increase the overall performance. This filter is also used to convert
from the 1-bit data stream at a high sampling rate into a higher-bit data word at a lower rate (decimation). TI's
microcontroller families TMS320F2807x and TMS320F2837x offer a suitable programmable, hardwired filter
structure termed a sigma-delta filter module (SDFM) optimized for usage with the AMC1336. Furthermore, the
SD24_B converters on the MSP430F677x microcontrollers offer a path to directly access the integrated sinc
filters for a simple system-level solution for multichannel, isolated current sensing. An additional option is to use a
suitable application-specific device, such as the AMC1210 (a four-channel digital sinc-filter). Alternatively, a field-
programmable gate array (FPGA) can be used to implement the filter.


Numéro de pièce similaire - AMC1336

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1336 TI1-AMC1336 Datasheet
1Mb / 40P
[Old version datasheet]   AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
AMC1336-Q1 TI1-AMC1336-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
AMC1336QDWVRQ1 TI1-AMC1336QDWVRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
More results

Description similaire - AMC1336

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1336-Q1 TI1-AMC1336-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com