Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2576D2T-3.3 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce LM2576D2T-3.3
Description  EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576D2T-3.3 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button LM2576D2T-3.3 Datasheet HTML 5Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 6Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 7Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 8Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 9Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 10Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 11Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 12Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LM2576
http://onsemi.com
9
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description (Refer to Figure 1)
1
Vin
This pin is the positive input supply for the LM2576 step−down switching regulator. In order to minimize voltage
transients and to supply the switching currents needed by the regulator, a suitable input bypass capacitor must be
present (Cin in Figure 1).
2
Output
This is the emitter of the internal switch. The saturation voltage Vsat of this output switch is typically 1.5 V. It should
be kept in mind that the PCB area connected to this pin should be kept to a minimum in order to minimize coupling
to sensitive circuitry.
3
GND
Circuit ground pin. See the information about the printed circuit board layout.
4
Feedback
This pin senses regulated output voltage to complete the feedback loop. The signal is divided by the internal resistor
divider network R2, R1 and applied to the non−inverting input of the internal error amplifier. In the Adjustable version
of the LM2576 switching regulator this pin is the direct input of the error amplifier and the resistor network R2, R1 is
connected externally to allow programming of the output voltage.
5
ON/OFF
It allows the switching regulator circuit to be shut down using logic level signals, thus dropping the total input supply
current to approximately 80
mA. The threshold voltage is typically 1.4 V. Applying a voltage above this value (up to
+Vin) shuts the regulator off. If the voltage applied to this pin is lower than 1.4 V or if this pin is left open, the
regulator will be in the “on” condition.
DESIGN PROCEDURE
Buck Converter Basics
The LM2576 is a “Buck” or Step−Down Converter which
is the most elementary forward−mode converter. Its basic
schematic can be seen in Figure 16.
The operation of this regulator topology has two distinct
time periods. The first one occurs when the series switch is
on, the input voltage is connected to the input of the inductor.
The output of the inductor is the output voltage, and the
rectifier (or catch diode) is reverse biased. During this
period, since there is a constant voltage source connected
across the inductor, the inductor current begins to linearly
ramp upwards, as described by the following equation:
I
L(on) +
V
in
–Vout ton
L
During this “on” period, energy is stored within the core
material in the form of magnetic flux. If the inductor is
properly designed, there is sufficient energy stored to carry
the requirements of the load during the “off” period.
Figure 16. Basic Buck Converter
D
Vin
RLoad
L
Cout
Power
Switch
The next period is the “off” period of the power switch.
When the power switch turns off, the voltage across the
inductor reverses its polarity and is clamped at one diode
voltage drop below ground by the catch diode. The current
now flows through the catch diode thus maintaining the load
current loop. This removes the stored energy from the
inductor. The inductor current during this time is:
I
L(off) +
Vout –VD toff
L
This period ends when the power switch is once again
turned on. Regulation of the converter is accomplished by
varying the duty cycle of the power switch. It is possible to
describe the duty cycle as follows:
d
+
ton
T
, where T is the period of switching.
For the buck converter with ideal components, the duty
cycle can also be described as:
d
+
Vout
V
in
Figure 17 shows the buck converter, idealized waveforms
of the catch diode voltage and the inductor current.
Power
Switch
Figure 17. Buck Converter Idealized Waveforms
Power
Switch
Off
Power
Switch
Off
Power
Switch
On
Power
Switch
On
Von(SW)
VD(FWD)
Time
Time
ILoad(AV)
Imin
Ipk
Diode
Diode
Power
Switch


Numéro de pièce similaire - LM2576D2T-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM2576D2T-3.3 MOTOROLA-LM2576D2T-3.3 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576D2T-3.3 ONSEMI-LM2576D2T-3.3 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-3.3G ONSEMI-LM2576D2T-3.3G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Description similaire - LM2576D2T-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM2576 MOTOROLA-LM2576_12 Datasheet
298Kb / 28P
   EASY SWITCHERER 3.0 A STEP?밆OWN VOLTAGE REGULATOR
LM2576 MOTOROLA-LM2576 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM350 ONSEMI-LM350 Datasheet
115Kb / 10P
   3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
FAN53527 ONSEMI-FAN53527 Datasheet
690Kb / 21P
   Buck Regulator, 3.0 A
December, 2019 ??Rev. 0
logo
Allegro MicroSystems
A8498 ALLEGRO-A8498 Datasheet
332Kb / 9P
   Wide Input Voltage 3.0 A Step Down Regulator
logo
ON Semiconductor
NCP631 ONSEMI-NCP631_06 Datasheet
129Kb / 9P
   3.0 A Linear Voltage Regulator with Soft?뭆tart
April, 2006 ??Rev. 5
NCP631 ONSEMI-NCP631 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
logo
Allegro MicroSystems
A8698 ALLEGRO-A8698 Datasheet
616Kb / 12P
   Wide Input Voltage 3.0 A Step Down Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com