Moteur de recherche de fiches techniques de composants électroniques |
|
BCM5325 Fiches technique(PDF) 1 Page - Broadcom Corporation. |
|
BCM5325 Fiches technique(HTML) 1 Page - Broadcom Corporation. |
|
1 / 1 page BCM5325 ® FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER Low Cost Five-Port 10/100 Stand-alone Switch • The highest level of silicon integration achieved for a five-port 10/100 Ethernet switch device • Fourth generation switch on a chip • The BCM5325 integrates: • Five transceivers (802.3u compliant) • Six media access controllers (802.x compliant) • 128-KB packet buffer • Non-blocking switch fabric • Packet classification 802.1p QoS priority queues • Port-based VLAN • MII or 7-wire interface supports an additional 100FX or 100TX connection enabling a sixth user connection or uplink • Supports up to 2K MAC addresses • Flow control: full-duplex (802.3x) and half-duplex options supported • Supports automatic address learning and aging • Internal oscillator circuit • Typical power consumption: < 1.4W • 128-pin PQFP package • Enables a new generation of lower cost 10/100 switches in much smaller form factors • Utilizes field-proven industry-standard 10BASE-T/100BASE- TX Fast Ethernet transceivers—lowering overall system interoperability and reliability risks • Flexible interfaces support a wider variety of application needs—fiber for long distances or an additional 100TX port • Sufficient address range handles all remote office, branch office and home office needs • Port VLAN and 802.1p priority enables the switch to be designed into a wide variety of applications • CPUs are not required to initialize and run in cost-sensitive unmanaged applications—providing true Plug and Play connectivity • Internal oscillator circuit simplifies design and reduces overall system cost • On-chip HP auto-MDI/MDIX feature automatically detects and corrects for crossover cables and allows direct switch-to- switch connection FE A T U R E S S U M M A RY O F B E NE F I T S |
Numéro de pièce similaire - BCM5325 |
|
Description similaire - BCM5325 |