Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


VLMRGB6112-00-GS08 Datasheet(Fiches technique) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numéro de pièce VLMRGB6112-00-GS08
Description  Multi SMD LED RGB
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo 

   
 4 page
background image
VLMRGB6112..
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 12-Apr-17
4
Document Number: 84342
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Luminous Intensity vs. Forward Current
Fig. 5 - Change of Dominant Wavelength vs. Forward Current
Fig. 6 - Relative Luminous Intensity vs. Ambient Temperature
0
10
20
30
40
50
0
20406080
100
120
Tamb - Ambient Temperature (°C)
0.4
0.2
0
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
20
60
80
100
012345
VF - Forward Voltage (V)
40
Blue,
green
Red
0
1
3
4
5
0
20
40
60
80
100
IF - Forward Current (mA)
2
Blue,
green
Red
10
100
1000
10000
-8
-6
-4
-2
0
2
4
6
8
020
40
60
80
100
Axis Title
I
F - Forward Current (mA)
2nd line
Red
Green
Blue
10
100
1000
10000
0.1
1
-40
-20
0
20406080
100
Axis Title
T
amb - Ambient Temperature (°C)
2nd line
Blue
Red
Green




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl