Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


VLMKE3400 Datasheet(Fiches technique) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numéro de pièce VLMKE3400
Description  Bicolor SMD LED PLCC-4
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo 

   
 1 page
background image
VLMKE3400, VLMKE3401
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 04-Dec-15
1
Document Number: 81229
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Bicolor SMD LED PLCC-4
DESCRIPTION
These devices have been designed to meet the increasing
demand for surface mounting technology.
The package of the VLMKE340. is the PLCC-4.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
This SMD device consists of a red and yellow chip. So it is
possible to choose the color in one device.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-4
• Product series: bicolor
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
•Multicolored
• Luminous intensity categorized
• EIA and ICE standard package
• Compatible
with
automatic
placement
equipment
• Suitable for IR reflow and TTW soldering
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light pipes and
backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• JEDEC level 4
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
19211
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
VLMKE3400-GS08
Red
56
-
180
20
-
630
-
20
-
1.9
2.6
20
AlInGaP on GaAs
VLMKE3400-GS08
Yellow
90
-
280
20
581
588
594
20
-
2
2.6
20
AlInGaP on GaAs
VLMKE3400-GS18
Red
56
-
180
20
-
630
-
20
-
1.9
2.6
20
AlInGaP on GaAs
VLMKE3400-GS18
Yellow
90
-
280
20
581
588
594
20
-
2
2.6
20
AlInGaP on GaAs
VLMKE3401-GS08
Red
71
-
140
20
-
630
-
20
-
1.9
2.6
20
AlInGaP on GaAs
VLMKE3401-GS08
Yellow
112
-
224
20
581
588
594
20
-
2
2.6
20
AlInGaP on GaAs
VLMKE3401-GS18
Red
71
-
140
20
-
630
-
20
-
1.9
2.6
20
AlInGaP on GaAs
VLMKE3401-GS18
Yellow
112
-
224
20
581
588
594
20
-
2
2.6
20
AlInGaP on GaAs




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl