Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79Q021JC Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce AM79Q021JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q021JC Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AM79Q021JC Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79Q021JC Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79Q021JC Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79Q021JC Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79Q021JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79Q021JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q021JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q021JC Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79Q021JC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
6
Am79Q02/021/031 Data Sheet
CONNECTION DIAGRAMS (PLCC PACKAGES)
Top View
VIN2
VOUT4
DCLK
DIO
TSCA
TSCB
DGND
VCCD
DXA
FS
RST
PCLK
Notes:
1. Pin 1 is marked for orientation.
2. RSVD = Reserved pin; should not be connected externally to any signal or supply.
19256A-003
18 19 20 21 22 23 24 25 26 27 28
6
54321 44 43 42 41 40
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
44-Pin PLCC
Am79Q02JC
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
14 15 16 17 18 19 20
4
3
2
1 32 31 30
32-Pin PLCC
VIN1
VIN4
DIO
TSCA
DGND
VCCD
FS
DXA
PCLK
DCLK
Am79Q031JC
VOUT2
VCCA
AGND
VREF
VOUT3
VIN2
VIN3
7
8
9
10
11
12
13
14
15
39
38
37
36
35
34
33
32
31
4 3
2
1 44 43 42
44-Pin PLCC
CS
DIO
FS
TSCA
DXA
PCLK
Am79Q021JC
VOUT1
VIN2
VOUT2
VCCA
AGND
VIN1
VREF
VOUT3
VIN3
DCLK
DGND
VIN1
VOUT1
VOUT2
VCCA
AGND
VREF
VOUT3
VIN3
VIN4
5
RST
21
5
6
41 40
20 21 22 23 24 25 26
19
18
27 28
30
RST
29
INT
16
VOUT4
17
VIN4
DXB
VCCD
19256A-004
19256A-005


Numéro de pièce similaire - AM79Q021JC

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457J ETC1-AM79Q4457J Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457JC ETC1-AM79Q4457JC Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457V ETC1-AM79Q4457V Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457VC ETC1-AM79Q4457VC Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
More results

Description similaire - AM79Q021JC

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Advanced Micro Devices
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
   Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com