Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM372V400CS Fiches technique(PDF) 4 Page - Samsung semiconductor

No de pièce KMM372V400CS
Description  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372V400CS Fiches technique(HTML) 4 Page - Samsung semiconductor

  KMM372V400CS Datasheet HTML 1Page - Samsung semiconductor KMM372V400CS Datasheet HTML 2Page - Samsung semiconductor KMM372V400CS Datasheet HTML 3Page - Samsung semiconductor KMM372V400CS Datasheet HTML 4Page - Samsung semiconductor KMM372V400CS Datasheet HTML 5Page - Samsung semiconductor KMM372V400CS Datasheet HTML 6Page - Samsung semiconductor KMM372V400CS Datasheet HTML 7Page - Samsung semiconductor KMM372V400CS Datasheet HTML 8Page - Samsung semiconductor KMM372V400CS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DRAM MODULE
KMM372V410CK/CS
KMM372V400CK/CS
CAPACITANCE (TA = 25
°C, Vcc=3.3V, f = 1MHz)
Item
Symbol
Min
Max
Unit
Input capacitance[A0-A11(A10), B0]
Input capacitance[W0, W2, OE0, OE2]
Input capacitance[RAS0 , RAS2]
Input capacitance[CAS0 , CAS4]
Input/Output capacitance[DQ0 - 71]
CIN1
CIN2
CIN3
CIN4
CDQ1
-
-
-
-
-
20
20
80
20
20
pF
pF
pF
pF
pF
AC CHARACTERISTICS (0
°C≤TA≤70°C, VCC=3.3V±0.3V. See notes 1,2.)
Test condition : Vih/Vil=2.0/0.8V, Voh/Vol=2.0/0.8V, Output loading CL=100pF
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
Random read or write cycle time
tRC
90
110
ns
Read-modify-write cycle time
tRWC
133
155
ns
Access time from RAS
tRAC
50
60
ns
3,4
Access time from CAS
tCAC
18
20
ns
3,4,5,11
Access time from column address
tAA
30
35
ns
3,10,11
CAS to output in Low-Z
tCLZ
5
5
ns
3,11
Output buffer turn-off delay
tOFF
5
18
5
20
ns
6,11
Transition time(rise and fall)
tT
2
50
3
50
ns
2
RAS precharge time
tRP
30
40
ns
RAS pulse width
tRAS
50
10K
60
10K
ns
RAS hold time
tRSH
18
20
ns
11
CAS hold time
tCSH
48
58
ns
11
CAS pulse width
tCAS
13
10K
15
10K
ns
RAS to CAS delay time
tRCD
18
32
18
40
ns
4,11
RAS to column address delay time
tRAD
13
20
13
25
ns
10,11
CAS to RAS precharge time
tCRP
10
10
ns
11
Row address set-up time
tASR
5
5
ns
11
Row address hold time
tRAH
8
8
ns
11
Column address set-up time
tASC
0
0
ns
Column address hold time
tCAH
10
10
ns
Column address to RAS lead time
tRAL
30
35
ns
11
Read command set-up time
tRCS
0
0
ns
Read command hold referenced to CAS
tRCH
0
0
ns
8
Read command hold referenced to RAS
tRRH
-2
-2
ns
8,11
Write command hold time
tWCH
10
10
ns
Write command pulse width
tWP
10
10
ns
Write command to RAS lead time
tRWL
18
20
ns
11
Write command to CAS lead time
tCWL
13
15
ns
Data set-up time
tDS
-2
-2
ns
9,11
Data hold time
tDH
15
20
ns
9,11
Refresh period (4K refresh)
tREF
64
64
ms
Refresh period (2K refresh)
tREF
32
32
ms
Write command set-up time
tWCS
0
0
ns
7
CAS to W dealy time
tCWD
36
40
ns
7
Column address to W delay time
tAWD
48
55
ns
7


Numéro de pièce similaire - KMM372V400CS

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM372V404BS SAMSUNG-KMM372V404BS Datasheet
417Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
More results

Description similaire - KMM372V400CS

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM372F410CS SAMSUNG-KMM372F410CS Datasheet
456Kb / 20P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372C410CK SAMSUNG-KMM372C410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372V404BS SAMSUNG-KMM372V404BS Datasheet
417Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372V413CS SAMSUNG-KMM372V413CS Datasheet
410Kb / 19P
   4M x 72 DRAM DIMM with ECC using 2Mx8, Dual Bank 2K Refresh, 3.3V
KMM372F213CS SAMSUNG-KMM372F213CS Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM372V213CS SAMSUNG-KMM372V213CS Datasheet
408Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com