Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM372F410CK Fiches technique(PDF) 10 Page - Samsung semiconductor

No de pièce KMM372F410CK
Description  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F410CK Fiches technique(HTML) 10 Page - Samsung semiconductor

Back Button KMM372F410CK Datasheet HTML 6Page - Samsung semiconductor KMM372F410CK Datasheet HTML 7Page - Samsung semiconductor KMM372F410CK Datasheet HTML 8Page - Samsung semiconductor KMM372F410CK Datasheet HTML 9Page - Samsung semiconductor KMM372F410CK Datasheet HTML 10Page - Samsung semiconductor KMM372F410CK Datasheet HTML 11Page - Samsung semiconductor KMM372F410CK Datasheet HTML 12Page - Samsung semiconductor KMM372F410CK Datasheet HTML 13Page - Samsung semiconductor KMM372F410CK Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DRAM MODULE
KMM372F410CK/CS
KMM372F400CK/CS
READ - MODIFY - WRITE CYCLE
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
VI/OH -
VI/OL -
DQ
ROW
ADDR
tRAS
tRWC
tRP
tRSH
tRCD
tCAS
tCSH
tRAD
tASR
tRAH
tASC
tCAH
tCRP
VALID
tWP
Don
′t care
tRWL
tCWL
tOEZ
tOEA
tOED
tAWD
tCWD
tRWD
DATA-OUT
Undefined
VALID
DATA-IN
tRAC
tAA
tCAC
tCLZ
tDS
tDH
COLUMN
ADDRESS
tOLZ


Numéro de pièce similaire - KMM372F410CK

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM372F213CK SAMSUNG-KMM372F213CK Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM372F213CS SAMSUNG-KMM372F213CS Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM372F3200BS1 SAMSUNG-KMM372F3200BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3200CS1 SAMSUNG-KMM372F3200CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results

Description similaire - KMM372F410CK

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM372V410CK SAMSUNG-KMM372V410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372C410CK SAMSUNG-KMM372C410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372V404BS SAMSUNG-KMM372V404BS Datasheet
417Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372V413CS SAMSUNG-KMM372V413CS Datasheet
410Kb / 19P
   4M x 72 DRAM DIMM with ECC using 2Mx8, Dual Bank 2K Refresh, 3.3V
KMM372F213CS SAMSUNG-KMM372F213CS Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM372V213CS SAMSUNG-KMM372V213CS Datasheet
408Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com