Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA7567GM Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LA7567GM
Description  TV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7567GM Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LA7567GM Datasheet HTML 1Page - Sanyo Semicon Device LA7567GM Datasheet HTML 2Page - Sanyo Semicon Device LA7567GM Datasheet HTML 3Page - Sanyo Semicon Device LA7567GM Datasheet HTML 4Page - Sanyo Semicon Device LA7567GM Datasheet HTML 5Page - Sanyo Semicon Device LA7567GM Datasheet HTML 6Page - Sanyo Semicon Device LA7567GM Datasheet HTML 7Page - Sanyo Semicon Device LA7567GM Datasheet HTML 8Page - Sanyo Semicon Device LA7567GM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Overview
The LA7567GM is an NTSC SPLIT support VIF/SIF IF
IC that adopts a semi-adjustment-free system. The VIF
block adopts a technique that makes AFT adjustment
unnecessary by adjusting the VCO, thus simplifying the
adjustment steps in the manufacturing process. PLL
detection is adopted in the FM detector. A 5-V power-
supply voltage is used to match that used in most
multimedia systems. In addition, this IC also includes a
buzz canceller to suppress Nyquist buzz and provide high
audio quality.
Functions
[VIF]
• VIF amplifier • PLL detector • BNC • RF AGC
• EQ amplifier • AFT • IF AGC • Buzz canceller
[First SIF]
• First SIF • First SIF detector • AGC
[SIF]
• Multi-format SIF converter • Limiter amplifier • PLL
FM detector
Features
• Both AFT and SIF inductors built in, thus making
adjustment of external inductance unnecessary.
• Built-in buzz canceller for excellent audio performance.
•VCC = 5 V, low power dissipation (250 mW)
Package Dimensions
unit: mm
3112A-MFP24S
Monolithic Linear IC
D1401RM (OT) No. 6803-1/14
112
24
13
12.5
(0.75)
1.0
0.15
0.35
SANYO: MFP24S
[LA7567GM]
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
TV and VCR VIF/SIF IF Signal-Processing Circuit with
NTSC SPLIT Support
LA7567GM
Ordering number : ENN6803
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
6V
Circuit voltage
V13, V17
VCC
V
I6
–3
mA
Circuit current
I10
–10
mA
I24
–2
mA
Allowable power dissipation
Pd max
TA
≤ 50°C, Independent IC
420
mW
*: Mounted on a printed circuit board
720
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
Note: When mounted on a 65
× 72 × 1.6 mm paper/phenolic resin printed circuit board.


Numéro de pièce similaire - LA7567GM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
More results

Description similaire - LA7567GM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
LA7567EV SANYO-LA7567EV Datasheet
214Kb / 21P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA7567N SANYO-LA7567N Datasheet
277Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7530N SANYO-LA7530N Datasheet
87Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VTR Use
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com