Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7330 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 4Page - Analog Devices ADV7330 Datasheet HTML 5Page - Analog Devices ADV7330 Datasheet HTML 6Page - Analog Devices ADV7330 Datasheet HTML 7Page - Analog Devices ADV7330 Datasheet HTML 8Page - Analog Devices ADV7330 Datasheet HTML 9Page - Analog Devices ADV7330 Datasheet HTML 10Page - Analog Devices ADV7330 Datasheet HTML 11Page - Analog Devices ADV7330 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
REV. B
–8–
ADV7330
CLKIN
Y7–Y0
*Y0, Cb, SEQUENCE AS PER SUBADDRESS 01h BIT 1
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
t11
t12
t13
t14
t11
t12
t9
t10
3FF
00
XY
Cb0*
Y0
Cr0
Y1
00
HSYNC_O/P
VSYNC_O/P
BLANK_O/P
CONTROL
OUTPUTS
Figure 3. PS 4:2:2 1
× 8-Bit Interleaved at 27 MHz EAV/SAV Input Mode (Input Mode 100)
CLKIN
Y7–Y0
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
t9
t10
t11
t12
t13
t14
Cb0
Y0
Cr2
Y1
Cbxxx
Cbxxx
HSYNC_I/P
VSYNC_I/P
BLANK_I/P
CONTROL
INPUTS
HSYNC_O/P
VSYNC_O/P
BLANK_O/P
CONTROL
OUTPUTS
Figure 4. PS 4:2:2 1
× 8-Bit Interleaved at 54 MHz Hsync/Vsync I/P Mode (Input Mode 011)
CLKIN
Y7–Y0
CONTROL
OUTPUTS
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
3FF
00
00
XY
Cb0
Y0
Cr0
Y1
t11
t12
t13
t14
t9
t10
Figure 5. PS 4:2:2 1
× 8-Bit Interleaved at 54 MHz EAV/SAV Input Mode (Input Mode 011)


Numéro de pièce similaire - ADV7330

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7330 AD-ADV7330_15 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
More results

Description similaire - ADV7330

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7330 AD-ADV7330_15 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
   Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7342 AD-ADV7342 Datasheet
1Mb / 88P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. 0
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com