Moteur de recherche de fiches techniques de composants électroniques |
|
54AC16640WD Fiches technique(PDF) 2 Page - Texas Instruments |
|
54AC16640WD Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 6 page 54AC16640, 74AC16640 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCAS240A – JULY 1990 – REVISED APRIL 1996 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. 1A2 46 1A3 44 1A4 43 1A5 41 1A6 40 1A7 38 1A8 37 2A2 35 2A3 33 2A4 32 2A5 30 2A6 29 2A7 27 2A8 26 1OE 1A1 47 1B1 2 1B6 9 1B7 11 1B8 12 1B2 3 1B3 5 1B4 6 1B5 8 1 2 2A1 36 2B1 13 2B6 20 2B7 22 2B8 23 2B2 14 2B3 16 2B4 17 2B5 19 4 5 1 1 1 1 G3 48 3 EN2 [AB] 3 EN1 [BA] 1 1DIR G6 25 6 EN5 [AB] 6 EN4 [BA] 24 2DIR 2OE logic diagram (positive logic) 1OE 1DIR 1A1 1B1 2 47 1 48 To Seven Other Channels 2OE 2DIR 2A1 2B1 13 36 24 25 To Seven Other Channels |
Numéro de pièce similaire - 54AC16640WD |
|
Description similaire - 54AC16640WD |