Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX20493-31 Fiches technique(PDF) 10 Page - Synaptics Incorporated.

No de pièce CX20493-31
Description  SmartV.XX Modem
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20493-31 Fiches technique(HTML) 10 Page - Synaptics Incorporated.

Back Button CX20493-31 Datasheet HTML 6Page - Synaptics Incorporated. CX20493-31 Datasheet HTML 7Page - Synaptics Incorporated. CX20493-31 Datasheet HTML 8Page - Synaptics Incorporated. CX20493-31 Datasheet HTML 9Page - Synaptics Incorporated. CX20493-31 Datasheet HTML 10Page - Synaptics Incorporated. CX20493-31 Datasheet HTML 11Page - Synaptics Incorporated. CX20493-31 Datasheet HTML 12Page - Synaptics Incorporated. CX20493-31 Datasheet HTML 13Page - Synaptics Incorporated. CX20493-31 Datasheet HTML 14Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
CX81801-7x/8x SmartV.XX Modem Data Sheet
1-2
Conexant
102199B
1.2
Applications
Set top boxes
Gaming devices
Point of sale terminals
Remote monitoring and data collections systems
Handheld computers
Other embedded systems
Table 1-1. SmartV.XX Modem Models and Functions
Model/Order/Part Numbers
Supported Functions
Marketing Name
Device Set Order
No.
Modem Device
[128-Pin TQFP]
Part No.
Line Side
Device (LSD)
[28-Pin QFN]
Part No.
Voice Codec
(VC)
[32-Pin TQFP]
Part No.
V.90 Data,
QC, MOH
V.34 Data
V.32 bis Data,
V.44 Data
Compression,
V.17 Fax, TAM,
Worldwide
Voice/
FDSP
SmartV.92
DS56-L147-203
CX81801-74
CX20493-21
Y
Y
Y
SmartV.92/S
DS56-L147-204
CX81801-74
CX20493-21
CX20442-11
Y
Y
Y
Y
SmartV.92/LF
DS56-L147-206
CX81801-84
CX20493-31
Y
Y
Y
SmartV.34
DS28-L147-203
CX81801-72
CX20493-21
Y
Y
SmartV.34/S
DS28-L147-204
CX81801-72
CX20493-21
CX20442-11
Y
Y
Y
SmartV.34/LF
DS28-L147-206
CX81801-82
CX20493-31
Y
Y
SmartV.32bis
DS96-L147-203
CX81801-73
CX20493-21
Y
SmartV.32bis/S
DS96-L147-204
CX81801-73
CX20493-21
CX20442-11
Y
Y
SmartV.32bis/LF
DS96-L147-206
CX81801-83
CX20493-31
Y
Notes:
1. Supported functions (Y = Supported; — = Not supported).
QC, MOH, PCM Quick connect, Modem-on-Hold, PCM upstream
TAM
Telephone answering machine (Voice playback and record through telephone line)
FDSP
Full-duplex speakerphone and voice playback and record through telephone line, handset, and mic/speaker
2. For ordering purposes, the CX prefix may not be included in the part number for some devices. Also, the CX prefix may not appear in the part number as
branded on some devices.
3. LF = Lead-free (Pb-free) devices.


Numéro de pièce similaire - CX20493-31

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
CX2049L PULSE-CX2049L Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX2049LANL PULSE-CX2049LANL Datasheet
152Kb / 2P
   Balun Transformer
CX2049LNL PULSE-CX2049LNL Datasheet
316Kb / 3P
   RF TRANSFORMERS Transformers for Wideband RF Applications
CX2049LNL PULSE-CX2049LNL Datasheet
100Kb / 1P
   BALUN TRANSFORMER
More results

Description similaire - CX20493-31

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com