Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT16861DLR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74ACT16861DLR
Description  20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74ACT16861DLR Fiches technique(HTML) 1 Page - Texas Instruments

  74ACT16861DLR Datasheet HTML 1Page - Texas Instruments 74ACT16861DLR Datasheet HTML 2Page - Texas Instruments 74ACT16861DLR Datasheet HTML 3Page - Texas Instruments 74ACT16861DLR Datasheet HTML 4Page - Texas Instruments 74ACT16861DLR Datasheet HTML 5Page - Texas Instruments 74ACT16861DLR Datasheet HTML 6Page - Texas Instruments 74ACT16861DLR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54ACT16861, 74ACT16861
20-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS197B – JUNE 1990 – REVISED NOVEMBER 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D Inputs Are TTL-Voltage Compatible
D 3-State Outputs Drive Bus Lines Directly
D Flow-Through Architecture Optimizes
PCB Layout
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Shrink Plastic
Small-Outline 300-mil (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings
description
The
’ACT16861
are
noninverting
20-bit
transceivers
designed
for
asynchronous
communication
between
data
buses.
The
control-function
implementation
minimizes
external timing requirements.
The ’ACT16861 can be used as two 10-bit
transceivers or one 20-bit transceiver. They allow
data transmission from the A bus to the B bus or
from the B bus to the A bus, depending upon the
logic level at the output-enable (OEAB or OEBA)
inputs. The output-enable inputs can be used to
disable the device so that the buses are effectively
isolated.
The 74ACT16861 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54ACT16861 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
74ACT16861 is characterized for operation from –40
°C to 85°C.
Copyright
© 1996, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
54ACT16861 . . . WD PACKAGE
74ACT16861 . . . DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OEAB
1B1
1B2
GND
1B3
1B4
VCC
1B5
1B6
1B7
GND
1B8
1B9
1B10
2B1
2B2
2B3
GND
2B4
2B5
2B6
VCC
2B7
2B8
GND
2B9
2B10
2OEAB
1OEBA
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
1A7
GND
1A8
1A9
1A10
2A1
2A2
2A3
GND
2A4
2A5
2A6
VCC
2A7
2A8
GND
2A9
2A10
2OEBA


Numéro de pièce similaire - 74ACT16861DLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT16861DLR TI1-74ACT16861DLR Datasheet
309Kb / 9P
[Old version datasheet]   20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16861DLRG4 TI1-74ACT16861DLRG4 Datasheet
309Kb / 9P
[Old version datasheet]   20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ACT16861DLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACT16861 TI1-54ACT16861_08 Datasheet
309Kb / 9P
[Old version datasheet]   20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com