Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT16861 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74ACT16861
Description  20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74ACT16861 Fiches technique(HTML) 4 Page - Texas Instruments

  74ACT16861 Datasheet HTML 1Page - Texas Instruments 74ACT16861 Datasheet HTML 2Page - Texas Instruments 74ACT16861 Datasheet HTML 3Page - Texas Instruments 74ACT16861 Datasheet HTML 4Page - Texas Instruments 74ACT16861 Datasheet HTML 5Page - Texas Instruments 74ACT16861 Datasheet HTML 6Page - Texas Instruments 74ACT16861 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
54ACT16861, 74ACT16861
20-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS197B – JUNE 1990 – REVISED NOVEMBER 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54ACT16861
74ACT16861
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH =50 µA
4.5 V
4.4
4.4
4.4
IOH = –50 µA
5.5 V
5.4
5.4
5.4
VOH
IOH =24 mA
4.5 V
3.94
3.8
3.8
V
IOH = –24 mA
5.5 V
4.94
4.8
4.8
IOH = –75 mA†
5.5 V
3.85
3.85
IOL =50 µA
4.5 V
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
0.1
VOL
IOL =24mA
4.5 V
0.36
0.44
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
0.44
IOL = 75 mA†
5.5 V
1.65
1.65
II
Control inputs
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
IOZ‡
A or B ports
VO = VCC or GND
5.5 V
±0.5
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
80
µA
∆ICC§
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
1
mA
Ci
Control inputs
VI = VCC or GND
5 V
4.5
pF
Cio
A or B ports
VO = VCC or GND
5 V
17
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54ACT16861
74ACT16861
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
3.1
6.5
9.2
3.1
10.4
3.1
10.4
ns
tPHL
A or B
B or A
2.9
7.5
10
2.9
11.1
2.9
11.1
ns
tPZH
OEBA or OEAB
AorB
2.4
6.6
9
2.4
10
2.4
10
ns
tPZL
OEBA or OEAB
A or B
3.7
8.5
11.5
3.7
12.7
3.7
12.7
ns
tPHZ
OEBA or OEAB
AorB
4.9
7.4
9.8
4.9
10.7
4.9
10.7
ns
tPLZ
OEBA or OEAB
A or B
4.5
6.9
9.3
4.5
10
4.5
10
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per transceiver
Outputs enabled
CL =50 pF
f=1MHz
64
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
14
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - 74ACT16861

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT16861 TI1-74ACT16861 Datasheet
309Kb / 9P
[Old version datasheet]   20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16861DL TI1-74ACT16861DL Datasheet
309Kb / 9P
[Old version datasheet]   20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16861DLG4 TI1-74ACT16861DLG4 Datasheet
309Kb / 9P
[Old version datasheet]   20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16861DLR TI1-74ACT16861DLR Datasheet
309Kb / 9P
[Old version datasheet]   20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16861DLRG4 TI1-74ACT16861DLRG4 Datasheet
309Kb / 9P
[Old version datasheet]   20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ACT16861

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACT16861 TI1-54ACT16861_08 Datasheet
309Kb / 9P
[Old version datasheet]   20-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com