Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1770SMFX Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM1770SMFX
Description  SOT-23 Synchronous Buck Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1770SMFX Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM1770SMFX Datasheet HTML 1Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 2Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 3Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 4Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 5Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 6Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 7Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 8Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
-0.3V to 6V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature
150˚C
Lead Temperature
(soldering, 10sec)
260˚C
ESD Rating
2.5kV
Operating Ratings
V
IN to GND
2.8V to 5.5V
Junction Temperature Range (T
J)
−40˚C to
+125˚C
Electrical Characteristics Specifications with standard typeface are for T
J = 25˚C, and those in bold face
type apply over the full Junction Temperature Range (−40˚C to +125˚C). Minimum and Maximum limits are guaranteed
through test, design or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C and are
provided for reference purposes only. Unless otherwise specified V
IN = 3.3V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VFB
Feedback pin voltage
V
IN = 3.3V
0.782
0.80
0.818
V
V
IN = 5.0V
0.772
0.79
0.808
∆V
FB /
∆V
IN
Line Regulation
V
IN = 2.8V to 5.5V
-5
mV/V
I
Q
Operating Quiescent current
V
FB = 0.9V
400
600
µA
T
ON
Switch On-Time
LM1770S - (500ns)
0.4
0.5
0.6
µs
LM1770T - (1000ns)
0.8
1.0
1.2
LM1770U - (2000ns)
1.6
2.0
2.4
T
OFF_MIN
Minimum Off-Time
LM1770S - (500ns)
150
250
ns
LM1770T - (1000ns)
135
225
LM1770U - (2000ns)
120
220
T
D
Gate Drive Dead-Time
70
ns
I
FB
Feedback pin bias current
V
FB = 0.9V
50
nA
V
UVLO
Under-voltage lock out
V
IN Rising Edge
2.6
2.8
V
V
UVLO_HYS
Under-voltage lock out hysteresis
30
mV
V
SC_TH
Feedback pin Short Circuit Latch
Threshold
0.5
0.55
0.65
V
R
DS(ON) 1
HG FET driver pull-up On resistance
I
HG =20mA
5
R
DS(ON) 2
HG FET driver pull-down On resistance I
HG =20mA
9
R
DS(ON) 3
LG FET driver pull-up On resistance
I
LG =20mA
9
R
DS(ON) 4
LG FET driver pull-down On resistance I
LG =20mA
5
Note 1: Absolute Maximum Ratings indicate limits beyond which damage may occur to the device. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications, see Electrical Characteristics.
www.national.com
3


Numéro de pièce similaire - LM1770SMFX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM1770SMF/NOPB TI1-LM1770SMF/NOPB Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
More results

Description similaire - LM1770SMFX

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4895 MICRO-LINEAR-ML4895 Datasheet
275Kb / 10P
   Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com