Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A-2570Y Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce A-2570Y
Description  C/A-2570X 0.7INCH, 5 X 7 DOT MATRIX DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

A-2570Y Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  A-2570Y Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-2570X
0.7INCH, 5 X 7 DOT MATRIX DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-2570H
A-2570H
GaP
Red
700
2.1
2.8
600
C-2570E
A-2570E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2800
C-2570G
A-2570G
GaP
Green
565
2.1
2.8
2600
C-2570Y
A-2570Y
GaAsP/GaP Yellow
585
2.1
2.8
2600
C-2570SR
A-2570SR
GaAlAs
Super Red
660
1.8
2.4
7000
D84
Fig.D84
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Numéro de pièce similaire - A-2570Y

FabricantNo de pièceFiches techniqueDescription
logo
Raltron Electronics Cor...
A-25.000-14 RALTRON-A-25.000-14 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-25.000-20 RALTRON-A-25.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
logo
Burr-Brown (TI)
A-2518 BURR-BROWN-A-2518 Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
Molex Electronics Ltd.
A-2599-03AG MOLEX1-A-2599-03AG Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 3 Circuits, Gold (Au) Plating
A-2599-11AG MOLEX1-A-2599-11AG Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 11 Circuits, Gold (Au) Plating
More results

Description similaire - A-2570Y

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
LTP-757KR LITEON-LTP-757KR Datasheet
149Kb / 5P
   0.7inch (17.22mm) matrix height 5 x 7 dot matrix display
LTP-757G LITEON-LTP-757G Datasheet
150Kb / 5P
   The LTP-757G is a 0.7inch (17.22mm) matrix height 5 x 7 dot matrix display
logo
China Semiconductor Cor...
CSM-57071S CHINASEMI-CSM-57071S Datasheet
216Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031T9 CHINASEMI-CSM-57031T9 Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031S CHINASEMI-CSM-57031S Datasheet
215Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071G CHINASEMI-CSM-57071G Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031M9 CHINASEMI-CSM-57031M9 Datasheet
215Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031V9 CHINASEMI-CSM-57031V9 Datasheet
210Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071E CHINASEMI-CSM-57071E Datasheet
218Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071M9 CHINASEMI-CSM-57071M9 Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com