Moteur de recherche de fiches techniques de composants électroniques |
|
KA3842AC Fiches technique(PDF) 1 Page - Fairchild Semiconductor |
|
KA3842AC Fiches technique(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page ©2005 Fairchild Semiconductor Corporation www.fairchildsemi.com Rev. 1.0.0 Features • Low Start Current 0.2mA (Typ) • Operating Range up to 500kHz • Cycle by Cycle Current Limiting • Under Voltage Lock Out With Hysteresis • Short Shutdown Delay Time: Typ.100ns • High Current Totem-Pole Output • Output Swing Limiting: 22V Description The KA3842AC are fixed PWM controller for Off Line and DC to DC converter applications. The internal circuits include UVLO, low start up current circuit, temperature compensated reference, high gain error amplifier, current sensing comparator, and high current totem pole output for driving a POWER MOSFET. Also KA3842AC provides low start up current below 0.3mA and short shutdown delay time typ. 100ns. The KA3842AC has UVLO threshold of 16V(on) and 10V(off). The KA3842AC can operate within 100% duty cycle. 8-DIP 1 Internal Block Diagram 8 + - 7 5 SET/ RESET 5V VREF Internal Bias Good LOGIC 2 R S OSCILLATOR 1 3 4 T 7 6 5 UVLO 29V 22V 1/3 Error Amp 1/2VREF 1V C.S Comp. PWM LATCH VREF VFB COMP C.S RT/CT OUTPUT VCC GND PWR VC PWR GND KA3842AC SMPS Controller |
Numéro de pièce similaire - KA3842AC |
|
Description similaire - KA3842AC |