Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC94A23F Fiches technique(PDF) 18 Page - Toshiba Semiconductor

No de pièce TC94A23F
Description  Single-chip CD Processor with Built-in Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A23F Fiches technique(HTML) 18 Page - Toshiba Semiconductor

Back Button TC94A23F Datasheet HTML 12Page - Toshiba Semiconductor TC94A23F Datasheet HTML 13Page - Toshiba Semiconductor TC94A23F Datasheet HTML 14Page - Toshiba Semiconductor TC94A23F Datasheet HTML 15Page - Toshiba Semiconductor TC94A23F Datasheet HTML 16Page - Toshiba Semiconductor TC94A23F Datasheet HTML 17Page - Toshiba Semiconductor TC94A23F Datasheet HTML 18Page - Toshiba Semiconductor TC94A23F Datasheet HTML 19Page - Toshiba Semiconductor TC94A23F Datasheet HTML 20Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
TC94A23F
2002-02-06
18
Others
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input pull-down resistance
RIN2
¾
(TESTC, TESTM)
¾
10
¾
k
W
XI amp feedback resistance
RfXT1
¾
(XI-XO)
1.0
2.0
4.0
M
W
XO output resistance
Rout1
¾
(XO)
¾
0.5
¾
k
W
¾
When 4.5 MHz crystal set, (MXI-MXO)
0.5
1.0
2.5
MXI amp feedback
resistance
RfXT2
¾
When 75 kHz crystal set, (MXI-MXO)
¾
10
¾
M
W
MXO output resistance
Rout2
¾
(MXO)
¾
2.0
¾
k
W
¾
10
¾
¾
5.0
¾
¾
2.5
¾
Zin1
¾
Set resistance by (RFI) CD command
¾
1.25
¾
Input resistance
Zin2
¾
(TEZI)
¾
10
¾
k
W


Numéro de pièce similaire - TC94A23F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC94A29FAG TOSHIBA-TC94A29FAG Datasheet
282Kb / 20P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC94A29FB TOSHIBA-TC94A29FB Datasheet
282Kb / 20P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC94A23F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC94A09F TOSHIBA-TC94A09F Datasheet
270Kb / 19P
   Single-Chip CD Processor with Built-in Controller
TC94A39FAG TOSHIBA-TC94A39FAG Datasheet
274Kb / 20P
   Single-Chip CD Processor with Built-in Controller (CD-DX)
TC9248BF TOSHIBA-TC9248BF Datasheet
622Kb / 15P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9284BF TOSHIBA-TC9284BF Datasheet
651Kb / 16P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
   CD SINGLE-CHIP PROCESSOR
logo
Sony Corporation
CXD2545Q SONY-CXD2545Q Datasheet
5Mb / 102P
   CD DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DIGITAL SERV
logo
Toshiba Semiconductor
TC9283F TOSHIBA-TC9283F Datasheet
743Kb / 16P
   CD SINGLE-CHIP PROCESSOR
logo
Mitsubishi Electric Sem...
M65824AFP MITSUBISHI-M65824AFP Datasheet
182Kb / 23P
   CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com