Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LCX646FS Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC74LCX646FS
Description  Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX646FS Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX646FS Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74LCX646FS
2002-01-11
5
Maximum Ratings
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
-0.5 to 7.0
V
DC input voltage
(DIR, OE , CAB, CBA, SAB, SBA)
VIN
-0.5 to 7.0
V
-0.5 to 7.0 (Note 2)
DC bus I/O voltage
VI/O
-0.5 to VCC + 0.5
(Note 3)
V
Input diode current
IIK
-50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
-65 to 150
°C
Note 2: Output in OFF state
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
2.0 to 3.6
Power supply voltage
VCC
1.5 to 3.6
(Note 5)
V
Input voltage
(DIR, OE , CAB, CBA, SAB, SBA)
VIN
0 to 5.5
V
0 to 5.5
(Note 6)
Bus I/O voltage
VI/O
0 to VCC
(Note 7)
V
±24
(Note 8)
Output current
IOH/IOL
±12
(Note 9)
mA
Operating temperature
Topr
-40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 10)
ns/V
Note 5: Data retention only
Note 6: Output in OFF state
Note 7: High or low state
Note 8: VCC = 3.0 to 3.6 V
Note 9: VCC = 2.7 to 3.0 V
Note 10: VIN = 0.8 to 2.0 V, VCC = 3.0 V


Numéro de pièce similaire - TC74LCX646FS

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX646FS TOSHIBA-TC74LCX646FS Datasheet
209Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX646FS TOSHIBA-TC74LCX646FS_07 Datasheet
209Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
More results

Description similaire - TC74LCX646FS

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX652FS TOSHIBA-TC74LCX652FS Datasheet
139Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX646FS TOSHIBA-TC74LCX646FS_07 Datasheet
209Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX652FS TOSHIBA-TC74LCX652FS_07 Datasheet
208Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC7MZ245FK TOSHIBA-TC7MZ245FK_07 Datasheet
190Kb / 8P
   Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_10 Datasheet
235Kb / 12P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_07 Datasheet
248Kb / 10P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com