Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP2450 Fiches technique(PDF) 32 Page - Analog Devices

No de pièce ADP2450
Description  Power Management IC for Circuit Breaker Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP2450 Fiches technique(HTML) 32 Page - Analog Devices

Back Button ADP2450 Datasheet HTML 28Page - Analog Devices ADP2450 Datasheet HTML 29Page - Analog Devices ADP2450 Datasheet HTML 30Page - Analog Devices ADP2450 Datasheet HTML 31Page - Analog Devices ADP2450 Datasheet HTML 32Page - Analog Devices ADP2450 Datasheet HTML 33Page - Analog Devices ADP2450 Datasheet HTML 34Page - Analog Devices ADP2450 Datasheet HTML 35Page - Analog Devices ADP2450 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
ADP2450
Data Sheet
Rev. A | Page 32 of 39
FB1
ADP2450
DRV
RTOP1
102kΩ
RBOT1
11.3kΩ
DET
RPOWER
604Ω
PGND1
GATE
COUT1
220μF
VOUT1 = 12V
M2
FDMC86340
M1
FDMC86340
D1
MBRAF360T3G
ACTUATOR
VIN
CIN2
10μF
BST
SW
CBST
100nF
L
15μH
COUT2
10μF
FB2
PGND2
VPTH
RTOP_VP
316kΩ
RBOT_VP
61.9kΩ
VOUT1
VOUT2
VOUT2 = 3.3V
CAVDD
1μF
AVDD
RSTO
GAIN0
GAIN1
RGAIN
42.2kΩ
MCU
VCORE
RESET
GPIO1
EOUT1
EOUT2
EOUT3
EOUT4
EIN1
EIN2
EIN3
EIN4
ADC1
ADC2
ADC3
EOUT5
EIN5_N
EIN5_P
RCOM
VCOM
TRG
GPIO2
CVREG
1μF
VREG
VTRP
RTRP
232kΩ
GND
C
B
A
CT1
CT2
CT3
BRIDGE1
BRIDGE2
BRIDGE3
IA
+
+
RSENSE1
2Ω/2W
IB
+
RSENSE2
2Ω/2W
IC
RSENSE3
2Ω/2W
Figure 72. Schematic for Design Example, Single Coil, Three Phases Sense


Numéro de pièce similaire - ADP2450

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP2450 AD-ADP2450 Datasheet
984Kb / 40P
   Power Management IC for Circuit Breaker Applications
Rev. B
ADP2450ACPZ-1-R7 AD-ADP2450ACPZ-1-R7 Datasheet
984Kb / 40P
   Power Management IC for Circuit Breaker Applications
Rev. B
ADP2450ACPZ-2-R7 AD-ADP2450ACPZ-2-R7 Datasheet
984Kb / 40P
   Power Management IC for Circuit Breaker Applications
Rev. B
ADP2450ACPZ-3-EVBZ AD-ADP2450ACPZ-3-EVBZ Datasheet
984Kb / 40P
   Power Management IC for Circuit Breaker Applications
Rev. B
ADP2450ACPZ-3-R7 AD-ADP2450ACPZ-3-R7 Datasheet
984Kb / 40P
   Power Management IC for Circuit Breaker Applications
Rev. B
More results

Description similaire - ADP2450

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP2450 AD-ADP2450_V01 Datasheet
984Kb / 40P
   Power Management IC for Circuit Breaker Applications
Rev. B
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
   Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V03 Datasheet
1Mb / 85P
   Power management IC for low-power microcontroller applications
Rev. 4.2 - 26 July 2023
PCA9420 NXP-PCA9420_V01 Datasheet
1Mb / 87P
   Power management IC for low-power microcontroller applications
Rev. 4.0 - 28 November 2022
PCA9421 NXP-PCA9421 Datasheet
856Kb / 66P
   Power management IC for low-power microcontroller applications
Rev. 1.0 - 16 October 2023
PCA9420 NXP-PCA9420 Datasheet
1Mb / 82P
   Power management IC for low-power microcontroller applications
Rev. 2-26 January 2021
PCA9420 NXP-PCA9420_V02 Datasheet
1Mb / 84P
   Power management IC for low-power microcontroller applications
Rev. 4.1 - 30 May 2023
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage Power-Management IC for Automotive Applications
logo
Renesas Technology Corp
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
   General-Purpose Power Management IC for Automotive Applications
May 23, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com