Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE3M0187 Fiches technique(PDF) 5 Page - Pasternack Enterprises, Inc.

No de pièce PE3M0187
Description  Temperature Conditioned SMA Male to N Female Bulkhead Low Loss Cable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0187 Fiches technique(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3M0187 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0187 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0187 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0187 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0187 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0187 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE3M0187 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
5
Tests and Inspections
Description
Sampling
Connector Gaging (pin and insulator position)
100%
Insertion Loss
100%
VSWR
100%
Dielectric Withstanding Voltage (DWV)
100%
Visual - workmanship, configuration and marking
100%
Length
C=0, 1.5AQL
Mass
C=0, 1.5AQL
.
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
Typical Performance Data
-1000
-700
-400
-100
200
500
800
1100
1400
1700
2000
-55
-35
-15
5
25
45
65
85
105
125
PPM
° C
Typical Phase Change vs Temperature PE-P160LL Cable
PE3M0187 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Temperature Conditioned SMA Male to N Female Bulkhead Low Loss Cable Using PE-
P160LL Coax PE3M0187
RF Cable Assemblies Technical Data Sheet
Temperature Conditioned SMA Male to N Female
Bulkhead Low Loss Cable Using PE-P160LL Coax
PE3M0187


Numéro de pièce similaire - PE3M0187

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3M0180 PASTERNACK-PE3M0180 Datasheet
723Kb / 7P
   Temperature Conditioned SMA Male to SMA Male Low Loss Cable
PE3M0181 PASTERNACK-PE3M0181 Datasheet
731Kb / 7P
   Temperature Conditioned SMA Male to SMA Female Bulkhead Low Loss Cable
PE3M0182 PASTERNACK-PE3M0182 Datasheet
725Kb / 7P
   Temperature Conditioned SMA Male to SMA Male Right Angle Low Loss Cable
PE3M0183 PASTERNACK-PE3M0183 Datasheet
724Kb / 7P
   Temperature Conditioned SMA Male to TNC Male Low Loss Cable
PE3M0184 PASTERNACK-PE3M0184 Datasheet
733Kb / 7P
   Temperature Conditioned SMA Male to TNC Female Bulkhead Low Loss Cable
More results

Description similaire - PE3M0187

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3M0230 PASTERNACK-PE3M0230 Datasheet
730Kb / 7P
   Temperature Conditioned SMA Male to N Female Bulkhead Low Loss Cable
PE3M0194 PASTERNACK-PE3M0194 Datasheet
731Kb / 7P
   Temperature Conditioned SMA Female Bulkhead to N Male Low Loss Cable
PE3M0149 PASTERNACK-PE3M0149 Datasheet
735Kb / 7P
   Temperature Conditioned SMA Female Bulkhead to N Male Low Loss Cable
PE3M0133 PASTERNACK-PE3M0133 Datasheet
742Kb / 7P
   Temperature Conditioned SMA Male to N Female Bulkhead Low Loss Cable
PE3M0181 PASTERNACK-PE3M0181 Datasheet
731Kb / 7P
   Temperature Conditioned SMA Male to SMA Female Bulkhead Low Loss Cable
PE3M0127 PASTERNACK-PE3M0127 Datasheet
735Kb / 7P
   Temperature Conditioned SMA Male to SMA Female Bulkhead Low Loss Cable
PE3M0150 PASTERNACK-PE3M0150 Datasheet
745Kb / 7P
   Temperature Conditioned SMA Female Bulkhead to N Female Bulkhead Low Loss Cable
PE3M0195 PASTERNACK-PE3M0195 Datasheet
740Kb / 7P
   Temperature Conditioned SMA Female Bulkhead to N Female Bulkhead Low Loss Cable
PE3M0142 PASTERNACK-PE3M0142 Datasheet
741Kb / 7P
   Temperature Conditioned SMA Female to N Female Bulkhead Low Loss Cable
PE3M0189 PASTERNACK-PE3M0189 Datasheet
735Kb / 7P
   Temperature Conditioned SMA Female Bulkhead to SMA Female Bulkhead Low Loss Cable
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com