Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BT0507H Datasheet(Fiches technique) 4 Page - Chengdu Xtaltq Technologies Co.,ltd

Numéro de pièce BT0507H
Description  Temperature Compensated Crystal Oscillator
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  XTAITQ [Chengdu Xtaltq Technologies Co.,ltd]
Site Internet  http://www.xtaltq.com/
Logo 

   
 4 page
background image
BT0507H
Temperature Compensated Crystal Oscillator
Disclaimer
Xtaltq Technologies Co., Limited reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Ordering Guide
Example
: BT0507HH3C287DN20
BT
Product:
TCXO
Outline:
7.0mm x 5.0mm
XX.XX
X X
X
XXX
0507
Output:
H: LVCMOS
C: Clipped Sine Wave
S: Sine Wave
Frequency:
xx MHz
Temp. Range:
C: -20℃~+70℃
I: -40℃~+85℃
F: Customized
Tuning Range:
N:No Tuning
A: ±5ppm min.
B: ±7ppm min.
Temp. Stability:
206: ±2.0ppm
106: ±1.0ppm
507: ±0.5ppm
287: ±0.28ppm
Phase Noise:
A: -120dBc/Hz@1kHz
B: -125dBc/Hz@1kHz
C: -130dBc/Hz@1kHz
D: -135dBc/Hz@1kHz
E: -140dBc/Hz@1kHz
G: -145dBc/Hz@1kHz
X
Supply Voltage:
3: 3.3 Vdc
5: 5.0 Vdc
X
H
Package Type:
H: Package H
4/4
Release Date: Aug.30. 2016




Html Pages

1  2  3  4 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl