Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BO2525H Fiches technique(PDF) 2 Page - Chengdu Xtaltq Technologies Co.,ltd

No de pièce BO2525H
Description  Oven Controlled Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XTAITQ [Chengdu Xtaltq Technologies Co.,ltd]
Site Internet  http://www.xtaltq.com/
Logo XTAITQ - Chengdu Xtaltq Technologies Co.,ltd

BO2525H Fiches technique(HTML) 2 Page - Chengdu Xtaltq Technologies Co.,ltd

  BO2525H Datasheet HTML 1Page - Chengdu Xtaltq Technologies Co.,ltd BO2525H Datasheet HTML 2Page - Chengdu Xtaltq Technologies Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BO2525H Series
Oven Controlled Crystal Oscillator
Mechanical Stress Test
IEC60068, GJB360B
Reliability
Parameter
Condition
Temperature Stress Test
IEC60068, GJB360B
Xtaltq Technologies Co., Limited reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a
result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
EMC Test (ESD)
IEC61000, JESD22
Solderability
EIA/JESD22-B102-C
RoHS
RoHS Directive 2011/65/EU Annex II Recasting 2002/95/EC
Outline Dimension & Pin Connections
Ordering Guide
Example
: BO2525HS1C508HN100
Disclaimer
BO
Product
OCXO
Outline
25mm x 25mm
XX.XX
H X X
X
XXX
2525
Freq. Range:
H:≥50MHz
Output:
S: Sine Wave
Frequency:
xx MHz
Temp. Range:
C: -20℃~+70℃
G: -40℃~+70℃
I: -40℃~+85℃
U: -55℃~+85℃
Tuning:
N: No Tuning
E: ±500ppb
D: ±1000ppb
Temp. Stability:
507: ±500ppb
307: ±300ppb
207: ±200ppb
107: ±100ppb
508: ±50ppb
Phase Noise:
E: -140dBc@1kHz
G: -145dBc@1kHz
H: -150dBc@1kHz
J: -155dBc@1kHz
K: -160dBc@1kHz
X
Supply Voltage:
1: 12 Vdc
5: 5 Vdc
S
2/2
Release Date: Mar.27, 2016


Numéro de pièce similaire - BO2525H

FabricantNo de pièceFiches techniqueDescription
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
   DIP(25mm*25mm)
Mar.27, 2016
BO2525HS1C508HN100 XTALTQ-BO2525HS1C508HN100 Datasheet
221Kb / 2P
   DIP(25mm*25mm)
Mar.27, 2016
More results

Description similaire - BO2525H

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com