Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HM6288 Fiches technique(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No de pièce HM6288
Description  Built-in 60V power MOS step-up LED constant current driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Site Internet  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6288 Fiches technique(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6288 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6288 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6288 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6288 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6288 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6288 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6288 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6288 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HM6288
内置 60V 功率 MOS 升压型 LED 恒流驱动器
其中
VDD取 5.5V, IVDD典型值取 2mA,VIN为输入电压。当开关频率设置的较高时,芯片工作
电流会增大,相应地应减小供电电阻取值。
芯片内部接
VDD脚的稳压管最大钳位电流不超过 10mA,应注意RVDD的取值不能过小,以
免流入
VDD的电流超过允许值,否则需外接稳压管钳位。
过温保护
当芯片温度过高时,系统会限制输入电流峰值,典型情况下当芯片内部温度超过
135 度以
上时,过温调节开始起作用:随温度升高输入峰值电流逐渐减小,从而限制输入功率,增强系
统可靠性。


Numéro de pièce similaire - HM6288

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Huazhimei Semi...
HM6288A HMSEMI-HM6288A Datasheet
719Kb / 8P
   Built-in 60V power MOS boost LED constant current driver
More results

Description similaire - HM6288

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Huazhimei Semi...
HM6287 HMSEMI-HM6287 Datasheet
458Kb / 8P
   Built-in 100V power MOS step-up LED constant current driver
HM6288A HMSEMI-HM6288A Datasheet
719Kb / 8P
   Built-in 60V power MOS boost LED constant current driver
HM9920 HMSEMI-HM9920 Datasheet
456Kb / 7P
   Built-in MOS switch step-down LED constant current driver
HM9930 HMSEMI-HM9930 Datasheet
473Kb / 7P
   Built-in MOS switch step-down LED constant current driver
HM9915 HMSEMI-HM9915 Datasheet
474Kb / 7P
   Built-in MOS switch step-down LED constant current driver
HM6287A HMSEMI-HM6287A Datasheet
581Kb / 8P
   Built-in 100V power MOS boost LED constant current driver
logo
Bright Power Semiconduc...
BP1601 BPS-BP1601 Datasheet
736Kb / 10P
   Step-up Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM6289 HMSEMI-HM6289 Datasheet
491Kb / 8P
   Step-up LED constant current driver
HM9880 HMSEMI-HM9880 Datasheet
696Kb / 5P
   Built-in MOS average current type LED buck constant current driver
HM9818B HMSEMI-HM9818B Datasheet
640Kb / 5P
   Built-in MOS average current type LED buck constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com