Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV652DU12RMAF Fiches technique(PDF) 3 Page - SPANSION

No de pièce AM29LV652DU12RMAF
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV652DU12RMAF Fiches technique(HTML) 3 Page - SPANSION

  AM29LV652DU12RMAF Datasheet HTML 1Page - SPANSION AM29LV652DU12RMAF Datasheet HTML 2Page - SPANSION AM29LV652DU12RMAF Datasheet HTML 3Page - SPANSION AM29LV652DU12RMAF Datasheet HTML 4Page - SPANSION AM29LV652DU12RMAF Datasheet HTML 5Page - SPANSION AM29LV652DU12RMAF Datasheet HTML 6Page - SPANSION AM29LV652DU12RMAF Datasheet HTML 7Page - SPANSION AM29LV652DU12RMAF Datasheet HTML 8Page - SPANSION AM29LV652DU12RMAF Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
PRELIMINARY
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 24961
Rev: A Amendment/+4
Issue Date: October 29, 2004
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29LV652D
128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only
Uniform Sector Flash Memory with VersatileIO
™ Control
DISTINCTIVE CHARACTERISTICS
Two 64 Megabit (Am29LV065D) in a single 63-ball 11
x 12 mm FBGA package (Note: Features will be
described for each internal Am29LV065D)
Two Chip Enable inputs
— Each CE# controls selection of one internal
Am29LV065D device
Single power supply operation
— 3.0 to 3.6 volt read, erase, and program operations
VersatileIO
™ control
— Device generates output voltages and tolerates input
voltages on DQ I/Os as determined by the voltage on
VIO input
High performance
— Access times as fast as 90 ns
Manufactured on 0.23 µm process technology
CFI (Common Flash Interface) compliant
— Provides device-specific information to the system,
allowing host software to easily reconfigure for
different Flash devices
Ultra low power consumption (typical values at 3.0 V,
5 MHz) for the part
— 9 mA typical active read current
— 26 mA typical erase/program current
— 400 nA typical standby mode current
Flexible sector architecture
— Two hundred fifty-six 64 Kbyte sectors
Sector Protection
— A hardware method to lock a sector to prevent
program or erase operations within that sector
— Sectors can be locked in-system or via programming
equipment
— Temporary Sector Unprotect feature allows code
changes in previously locked sectors
Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically writes
and verifies data at specified addresses
Compatibility with JEDEC standards
— Except for the added CE2#, the FBGA is pinout and
software compatible with single-power supply Flash
— Superior inadvertent write protection
Minimum 1 million erase cycle guarantee per sector
63-ball FBGA Package
Erase Suspend/Erase Resume
— Suspends an erase operation to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation
Data# Polling and toggle bits
— Provides a software method of detecting program or
erase operation completion
Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
Ready/Busy# output (RY/BY#)
— Provides a hardware method of detecting program or
erase cycle completion
Hardware reset input (RESET#)
— Hardware method to reset the device for reading array
data
ACC input
— Accelerates programming time for higher throughput
during system production
Program and Erase Performance (VHH not applied to
the ACC input)
— Byte program time: 5 µs typical
— Sector erase time: 1.6 s typical for each 64 Kbyte
sector
20-year data retention at 125
°C
— Reliable operation for the life of the system


Numéro de pièce similaire - AM29LV652DU12RMAF

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV652DU12RMAF AMD-AM29LV652DU12RMAF Datasheet
994Kb / 54P
   128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
More results

Description similaire - AM29LV652DU12RMAF

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV652D AMD-AM29LV652D Datasheet
994Kb / 54P
   128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV640D AMD-AM29LV640D_07 Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV642D AMD-AM29LV642D_06 Datasheet
1Mb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV642D AMD-AM29LV642D Datasheet
986Kb / 53P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV017B AMD-AM29LV017B Datasheet
510Kb / 39P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV017D AMD-AM29LV017D_05 Datasheet
948Kb / 48P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV017D AMD-AM29LV017D Datasheet
955Kb / 45P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com