Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSPEMI606 Fiches technique(PDF) 3 Page - California Micro Devices Corp

No de pièce CSPEMI606
Description  LCD EMI Filter Array with ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPEMI606 Fiches technique(HTML) 3 Page - California Micro Devices Corp

  CSPEMI606 Datasheet HTML 1Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 2Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 3Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 4Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 5Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 6Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 7Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 8Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
10/10/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
3
CSPEMI606/608
PRELIMINARY
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin. For example, if ESD is applied to Pin A1,
then clamping voltage is measured at Pin C1.
Note 4: Unused pins are left open
Note 5: These parameters are guaranteed by design and characterization.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Power per Resistor
100
mW
DC Package Power Rating
500
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
80
100
120
C
Capacitance
At 2.5V DC, 1MHz, 30mV
AC
12
15
18
pF
VDIODE
Diode Standoff Voltage
IDIODE=10µA5.5
V
ILEAK
Diode Leakage Current (reverse bias)
VDIODE=+3.3V
100
nA
VSIG
Signal Voltage
Positive Clamp
Negative Clamp
ILOAD = 10mA
5.6
-0.4
6.8
-0.8
9.0
-1.5
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-2
Level 4
Notes 2,4 and 5
±30
±15
kV
kV
VCL
Clamping Voltage during ESD Discharge
MIL-STD-883 (Method 3015), 8kV
Positive Transients
Negative Transients
Notes 2,3,4 and 5
+12
-7
V
V
f
C
Cut-off Frequency
ZSOURCE=50Ω, ZLOAD=50Ω
R=100
Ω, C=15pF
120
MHz


Numéro de pièce similaire - CSPEMI606

FabricantNo de pièceFiches techniqueDescription
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
More results

Description similaire - CSPEMI606

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CM1420-22 ONSEMI-CM1420-22 Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
   LCD EMI Filter Array with ESD Protection
CM1420 CALMIRCO-CM1420 Datasheet
638Kb / 12P
   LCD EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1420 ONSEMI-CM1420 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1405 ONSEMI-CM1405 Datasheet
744Kb / 14P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev.2
logo
California Micro Device...
CM1451 CALMIRCO-CM1451 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1450 CALMIRCO-CM1450 Datasheet
333Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1452 CALMIRCO-CM1452 Datasheet
170Kb / 6P
   LCD & Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com