Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC817-40LT3G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BC817-40LT3G
Description  General Purpose Transistors(NPN Silicon)?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC817-40LT3G Fiches technique(HTML) 2 Page - ON Semiconductor

  BC817-40LT3G Datasheet HTML 1Page - ON Semiconductor BC817-40LT3G Datasheet HTML 2Page - ON Semiconductor BC817-40LT3G Datasheet HTML 3Page - ON Semiconductor BC817-40LT3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC817−16LT1, BC817−25LT1, BC817−40LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = −10 mA)
V(BR)CEO
45
V
Collector − Emitter Breakdown Voltage
(VEB = 0, IC = −10 mA)
V(BR)CES
50
V
Emitter − Base Breakdown Voltage
(IE = −1.0 mA)
V(BR)EBO
5.0
V
Collector Cutoff Current
(VCB = 20 V)
(VCB = 20 V, TA = 150°C)
ICBO
100
5.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mA, VCE = 1.0 V)
BC817−16
BC817−25
BC817−40
(IC = 500 mA, VCE = 1.0 V)
hFE
100
160
250
40
250
400
600
Collector − Emitter Saturation Voltage
(IC = 500 mA, IB = 50 mA)
VCE(sat)
0.7
V
Base − Emitter On Voltage
(IC = 500 mA, VCE = 1.0 V)
VBE(on)
1.2
V
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = 10 V, f = 1.0 MHz)
Cobo
10
pF
ORDERING INFORMATION
Device
Specific Marking Code
Package
Shipping
BC817−16LT1
6A
SOT−23
BC817−16LT1G
6A
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC817−16LT3
6A
SOT−23
10,000 / Tape & Reel
BC817−25LT1
6B
SOT−23
BC817−25LT1G
6B
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC817−25LT3
6B
SOT−23
BC817−25LT3G
6B
SOT−23
(Pb−Free)
10,000 / Tape & Reel
BC817−40LT1
6C
SOT−23
BC817−40LT1G
6C
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC817−40LT3
6C
SOT−23
BC817−40LT3G
6C
SOT−23
(Pb−Free)
10,000 / Tape & Reel
SBC817−40LT1
6C
SOT−23
3,000 / Tape & Reel
SBC817−40LT3
6C
SOT−23
10,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.


Numéro de pièce similaire - BC817-40LT3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC817-40LT3G ONSEMI-BC817-40LT3G Datasheet
125Kb / 10P
   General Purpose Transistors
October, 2010 ??Rev. 11
BC817-40LT3G ONSEMI-BC817-40LT3G Datasheet
186Kb / 10P
   General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
November, 2011 ??Rev. 11
BC817-40LT3G ONSEMI-BC817-40LT3G Datasheet
145Kb / 10P
   General Purpose Transistors
October, 2016 ??Rev. 15
More results

Description similaire - BC817-40LT3G

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com