Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


GRM1552C1E6R3CA01W Datasheet(Fiches technique) 1 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce GRM1552C1E6R3CA01W
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Télécharger  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

 
 1 page
background image
Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E6R3CA01_(0402,CH(JIS),6.3pF,DC 25 V)
_:Packaging Code
Reference Sheet
■ Scope
This product specification is applied to Chip Multilayer Ceramic Capacitors used for General Electronic equipment.
■ MURATA Part No. System
■ Type
■ Rated Value
(1)Size Code :
0402
(3)Temperature Characteristics :2C(Public STD Code :CH(JIS))
■ Package
Product specifications in this catalog are as of Nov.23,2017,and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering.
Please read rating and !Cautions first.
g
Temp. coeff
or Cap. Change
(4)Rated
Voltage
(3)Temperature Characteristics
Ref.Temp.
Temp. Range
Mounting
Method
Reflow
20 to 125 ℃
6.3pF
+/-0.25 pF
-55 to 125 ℃
Operating
Temp. Range
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
20 ℃
(Ex.)
1.0
+/-0.05
0.5
+/-0.05
0.5
+/-0.05
D
(8)Code
Packaging Unit
MURATA PART NO.
Packaging
GRM1552C1E6R3CA01_
(1)-1 L
(1)-2 W
(2) T
e
0.15
to 0.35
Dimensions(mm)
0.3 min.
W
10000 pcs./Reel
20000 pcs./Reel
φ180mm Reel
PAPER Tape W8P2
φ180mm Reel
PAPER Tape W8P1
J
φ330mm Reel
PAPER Tape W8P2
50000 pcs./Reel
0+/-60 ppm/℃
DC 25 V
(1)L/W
Dimensions
(2)T
Dimensions
(3)Temperature
Characteristics
(4)Rated
Voltage
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
(8)Packaging
Code
(7)
Murata’s
Control Code
GRM
15
5
2C
1E
6R3
C
A01
D
GRM1552C1E6R3CA01-01A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl