Moteur de recherche de fiches techniques de composants électroniques |
|
GRM1552C1E6R2DA01W Fiches technique(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
GRM1552C1E6R2DA01W Fiches technique(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 30 page Substrate Bending Test ・Test Substrate Material : JIS C 6484 Copper-clad laminated sheets for PCBs (Glass fabric base, epoxy resin) Thickness : 0.8mm Copper Foil Thickness: 0.035mm Kind of Solder : Sn-3.0Ag-0.5Cu Fig.1 (in mm) ・Pressurization Method Fig.2 (in mm) Adhesive Strength of Termination, Vibration, Temperature Sudden Change, High Temperature High Humidity(Steady), Durability ・Test Substrate Material : JIS C 6484 Copper-clad laminated sheets for PCBs (Glass fabric base, epoxy resin) Thickness : 1.6mm or 0.8mm Copper Foil Thickness: 0.035mm Kind of Solder : Sn-3.0Ag-0.5Cu ・Land Dimensions Fig.3 Step Temperature(℃) Time (min) 1 Min.Operating Temp. +0/-3 30+/-3 2 Reference Temp. 2 to 3 3 Max.Operating Temp. +3/-0 30+/-3 4 Reference Temp. 2 to 3 Dimension(mm) a b c 0.4 1.5 0.5 Series GRM15 Dimension(mm) a b c 0.4 1.5 0.5 Series GRM15 Step Temperature(°C) Applying Voltage 1 Reference Temp. +/-2 2 Min. Operating Temp. +/-3 3 * Reference Temp. +/-2 4 Max. Operating Temp. ±3 5 Reference Temp. +/-2 No bias 45 45 Flexure Capacitance meter Pressurization speed 1.0mm/s Support Capacitor Pressurize 45 45 R5 20 50min. b a Solder Resist Chip Capacitor Land *1,2:2.0±0.05 100 a 4.0±0.1 b Land 4.5 Solder Resist (Coat with heat resistant resin for solder) GRM1552C1E6R2DA01-01A |
Numéro de pièce similaire - GRM1552C1E6R2DA01W |
|
Description similaire - GRM1552C1E6R2DA01W |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |