Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRM1552C1E6R1BA01W Fiches technique(PDF) 3 Page - Murata Manufacturing Co., Ltd.

No de pièce GRM1552C1E6R1BA01W
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM1552C1E6R1BA01W Fiches technique(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  GRM1552C1E6R1BA01W Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM1552C1E6R1BA01W Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM1552C1E6R1BA01W Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM1552C1E6R1BA01W Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM1552C1E6R1BA01W Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM1552C1E6R1BA01W Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM1552C1E6R1BA01W Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM1552C1E6R1BA01W Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM1552C1E6R1BA01W Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
No.
9
Adhesive Strength of
No removal of the terminations or other defect should occur.
Solder the capacitor on the test substrate shown in Fig.3.
Termination
Applied Force :
5N
Holding Time :
10+/-1s
Applied Direction :
In parallel with the test substrate and vertical with the capacitor side
10 Vibration
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Kind of Vibration :
A simple harmonic motion 10Hz to 55Hz to 10Hz
Capacitance Within the specified initial value.
Vibration Time :
1min
Total Amplitude :
1.5mm
Q or D.F.
Within the specified initial value.
This motion should be applied for a period of 2hours in each 3 mutually perpendicular directions(total of 6hours).
11 Substrate
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.1.
Bending Test
Pressurization Method :
Shown in Fig.2.
Capacitance Within +/-5% or +/-0.5pF (Whichever is larger)
Flexure :
1mm
Change
Holding Time :
5+/-1s
Soldering Method :
Reflow soldering
12 Solderability
95% of the terminations is to be soldered evenly and continuously.
Test Method :
Solder bath method
Flux :
Solution of rosin ethanol 25(mass)%
Preheat :
80℃ to 120℃、10s to 30s
Solder :
Sn-3.0Ag-0.5Cu(Lead Free Solder)
Test Temp. :
245+/-5℃
Test Time :
2+/-0.5s
13 Resistance
Appearance
No defects or abnormalities.
Test Method :
Solder bath method
to Soldering
Solder :
Sn-3.0Ag-0.5Cu(Lead Free Solder)
Heat
Capacitance Within +/-2.5% or +/-0.25pF (Whichever is larger)
Solder Temp. :
270+/-5℃
Change
Test Time :
10+/-0.5s
Q or D.F.
Within the specified initial value.
Preheat Temp. :
120℃ to 150℃
Preheat Time :
1min
I.R.
Within the specified initial value.
Voltage
No defects.
Post-treatment :
Let sit for 24+/-2hours at room temperature, then measure.
Proof
14 Temperature
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Sudden
Cycles
:
5 cycles
Change
Capacitance Within +/-2.5% or +/-0.25pF (Whichever is larger)
Change
Q or D.F.
Within the specified initial value.
I.R.
Within the specified initial value.
Voltage
No defects.
Proof
Post-treatment :
Let sit for 24+/-2hours at room temperature, then measure.
Item
Specification
Test Method (Ref. Standard:JIS C 5101, IEC60384)
Step
Temperature(℃)
Time (min)
1
Min.Operating Temp. +0/-3
30+/-3
2
Reference Temp.
2 to 3
3
Max.Operating Temp. +3/-0
30+/-3
4
Reference Temp.
2 to 3
Step
Temperature(°C)
Applying Voltage
1
Reference Temp. +/-2
2
Min. Operating Temp. +/-3
3
*
Reference Temp. +/-2
4
Max. Operating Temp. ±3
5
Reference Temp. +/-2
No bias
GRM1552C1E6R1BA01-01A


Numéro de pièce similaire - GRM1552C1E6R1BA01W

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM1552C1E6R1CA01 MURATA-GRM1552C1E6R1CA01 Datasheet
787Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E6R1CA01D MURATA-GRM1552C1E6R1CA01D Datasheet
787Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E6R1CA01J MURATA-GRM1552C1E6R1CA01J Datasheet
787Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E6R1CA01W MURATA-GRM1552C1E6R1CA01W Datasheet
787Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E6R1DA01 MURATA-GRM1552C1E6R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Description similaire - GRM1552C1E6R1BA01W

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com