Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


6034404 Datasheet(Fiches technique) 2 Page - SICK AG

Numéro de pièce 6034404
Description  Connection cables
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo 

   
 2 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DSL-8204-G10M
Ordering information
Type
Part no.
DSL-8204-G10M
6034404
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connection cables
Connection type head A
Female connector, M8, 4-pin, straight
Connection type head B
Male connector, M12, 4-pin, straight
Connector material
TPU
Connector color
Orange
Locking nut material
Zinc die-cast, nickel-plated
Cable
10 m, 4-wire, PVC
Jacket material
PVC
Jacket color
Orange
Cable diameter
5 mm
Conductor cross-section
0.34 mm²
Shielding
Unshielded
Bending radius
Flexible use > 10 x cable diameter
Stationary position > 5 x cable diameter
Reference voltage
≤ 63 V
Current loading
4 A
Application
Zones with chemicals
Enclosure rating
IP67
Ambient operating temperature
Flexible use +5 °C ... +80 °C
Stationary position –40 °C ... +80 °C
Head –25 °C ... +80 °C
Classifications
ECl@ss 5.0
19030312
ECl@ss 5.1.4
19030312
ECl@ss 6.0
27060304
ECl@ss 6.2
27060304
ECl@ss 7.0
27060304
ECl@ss 8.0
27060304
2
| SICK
Online data sheet | 2018-11-17 00:23:45
Subject to change without notice




Html Pages

1  2  3  4 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl