Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DOL-1204-L10MCS01 Fiches technique(PDF) 2 Page - SICK AG

No de pièce DOL-1204-L10MCS01
Description  Connecting cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

DOL-1204-L10MCS01 Fiches technique(HTML) 2 Page - SICK AG

  DOL-1204-L10MCS01 Datasheet HTML 1Page - SICK AG DOL-1204-L10MCS01 Datasheet HTML 2Page - SICK AG DOL-1204-L10MCS01 Datasheet HTML 3Page - SICK AG DOL-1204-L10MCS01 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DOL-1204-L10MCS01
Ordering information
Type
Part no.
DOL-1204-L10MCS01
6037522
Other models and accessories
www.sick.com/
CYJV
Cable Assembly
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connecting cables
Connection type head A
Female connector, M12, 4-pin, angled with LED
Connection type head B
Flying leads
Connection type
Flying leads
Connector material
TPU
Connector color
Black
Locking nut material
Zinc die-cast, nickel-plated
Tightening torque
0.4 Nm
Cable
10 m, 4-wire, PUR, halogen-free
Jacket material
PUR, halogen-free
Jacket color
Black
Cable diameter
4.1 mm
Conductor cross-section
0.34 mm²
Shielding
Unshielded
Bending cycles
≥ 4,000,000
Indication LED
Reference voltage
≤ 24 V
Current loading
4 A
Traversing speed
3 m/s
Travelling distance
10 m
Acceleration
≤ 10 m/s²
Authorizations
UL
UL File No.
CYJV.E335179
Enclosure rating
IP65
Ambient operating temperature
Head –25 °C ... +90 °C
Classifications
ECl@ss 5.0
19030312
2
| SICK
Online data sheet | 2019-01-29 21:21:18
Subject to change without notice


Numéro de pièce similaire - DOL-1204-L10MCS01

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
DOL-1204-L10MC SICK-DOL-1204-L10MC Datasheet
314Kb / 4P
   Plug connector
More results

Description similaire - DOL-1204-L10MCS01

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
DOL-0803-G02MCS01 SICK-DOL-0803-G02MCS01 Datasheet
274Kb / 4P
   Connecting cables
DOL-0804-W05MCS01 SICK-DOL-0804-W05MCS01 Datasheet
283Kb / 4P
   Connecting cables
YG8U13-050UB1XLEAX SICK-YG8U13-050UB1XLEAX Datasheet
316Kb / 4P
   Connecting cables
YG8U14-050UB3XLEAX SICK-YG8U14-050UB3XLEAX Datasheet
323Kb / 4P
   Connecting cables
DOL-0803-W02MCS02 SICK-DOL-0803-W02MCS02 Datasheet
279Kb / 4P
   Connecting cables
DOL-0804-G10MCS01 SICK-DOL-0804-G10MCS01 Datasheet
284Kb / 4P
   Connecting cables
DOL-0804-G02MCS01 SICK-DOL-0804-G02MCS01 Datasheet
284Kb / 4P
   Connecting cables
DOL-0804-W10MCS01 SICK-DOL-0804-W10MCS01 Datasheet
283Kb / 4P
   Connecting cables
DOL-1208-G30MA SICK-DOL-1208-G30MA Datasheet
274Kb / 4P
   Connecting cables
YG8U13-100UB1XLEAX SICK-YG8U13-100UB1XLEAX Datasheet
316Kb / 4P
   Connecting cables
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com