Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


KBPC5006T Datasheet(Fiches technique) 1 Page - GeneSiC Semiconductor, Inc.

Numéro de pièce KBPC5006T
Description  Single Phase Silicon Bridge Rectifier
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo 

   
 1 page
background image
VRRM = 600 V - 1000 V
IO = 50 A
Features
KBPC-T/W Package
Mechanical Data
Parameter
Symbol
KBPC5006T/W
KBPC5008T/W
Unit
Repetitive peak reverse voltage
VRRM
600
800
V
RMS reverse voltage
VRMS
420
560
V
DC blocking voltage
VDC
600
800
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
KBPC5006T/W
KBPC5008T/W
Unit
Maximum average forward rectified
current
IO
50
50
A
Peak forward surge current
IFSM
400
400
A
Maximum instantaneous forward
voltage per leg
1.1
1.1
5
5
500
500
Thermal characteristics
Typical thermal resistance per leg
1
RΘJC
2.5
2.5
°C/W
1 - Thermal resistance from Junction to Ambient on P.C. board mounting
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Tc = 40 °C
50
8.3 ms half sine-wave
400
500
VF
1.1
1000
Single Phase Silicon
Bridge Rectifier
KBPC5006T/W thru KBPC5010T/W
Tc = 25 °C
IF = 25.0 A
Conditions
1000
700
KBPC5010T/W
-55 to 150
Maximum ratings at Tc = 25 °C, unless otherwise specified (KBPCXXXXT uses KBPC-T package while KBPCXXXXW
uses KBPC-W package)
Polarity: Marked on case
Maximum DC reverse current at
rated DC blocking voltage per leg
IR
Tc = 100 °C
μA
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
5
KBPC5010T/W
• High efficiency
• Metal case
Case: Mounted in the bridge encapsulation
Conditions
2.5
• Not ESD Sensitive
• Silicon junction
Mounting: Hole for #10 screw
• Types from 600 V to 1000 V V
RRM
-55 to 150
1
Oct. 2018
http://www.diodemodule.com/silicon_products/bridge_rectifiers/kbpc5006tw.pdf




Html Pages

1  2  3 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl