Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


PE3817-M Datasheet(Fiches technique) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Numéro de pièce PE3817-M
Description  K series isolation transformer
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Site Internet  http://www.yhdc.com
Logo 

   
 1 page
background image
K series isolation transformer
Model:PE3817-M
Schematic Diagram
www.yhdc.com
Email:yhdc@yhdc.com
1
6
8
11
7
8
11
12
1
6
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230/380
10
≤21
6
≤24
≤0.5
190
V
%
%
VA
W
g
Non-standard products:Can be made according to user requirements
Bottom View
20±0.3
5
5
10
Front View
0.6±0.02
6
7
5
9
10
1
41±0.5
Characteristics:
Vacuum Epoxy Encapsulated,PCB mounting,
Pirmary voltage: 110V/220V/230V/380.
Technical Index:
Technical Index:PCB
Flame resistance:UL94-Vo
Insulation class:B
Operation temperature:-30℃~+40℃
Work frequency:50Hz~60Hz
Dielectric strength:3.5KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
S
econdary output voltage
Secondary full load current
Secondary No-load Voltage
Double
6V×2
7. 5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
8.7V×2
10.9V×2
13 V×2
17.4 V×2
21.2 V×2
24.6 V×2
32.3 V×2
Single
7.3V
10.6V
13V
17V
20.8V
24.4V
32.3V
Double
500mA×2
400mA×2
334mA×2
250mA×2
200mA×2
167mA×2
125mA×2
Single
1000mA
800mA
667mA
500mA
400mA
334mA
250mA
Single output
The remaining feet do
not have a needle
The remaining feet do
not have a needle
Doule output
Note: with pins
without pins




Html Pages

1 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl