Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


PE2818-I Datasheet(Fiches technique) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Numéro de pièce PE2818-I
Description  PE series PCB safety isolation transformer
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Site Internet  http://www.yhdc.com
Logo 

   
 1 page
background image
PE series PCB safety isolation transformer
Model:PE2818-I
Characteristics:
Vacuum Epoxy Encapsulated,PCB mounting,Pirmary voltage:
110V/220V/230V,or producing as customerized.
Technical Index:
Technical Index:PCB
Flame resistance :UL94-V0
Insulation class:B
Operation temperature:-30℃~+70℃
Work frequency:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤27
2
≤16
≤0.4
100
V
%
%
VA
W
g
Double
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
7.7V×2
9.6V×2
11.6V×2
15.3V×2
19.3V×2
23V×2
30.8V×2
Single
7.7V
9.6V
11.6V
15.3V
19.3V
23V
30.8V
Double
166.5mA×2
133mA×2
111mA×2
83mA×2
66.5mA×2
55.5mA×2
41.5mA×2
Single
333mA
266mA
222mA
166mA
133mA
111mA
83mA
www.yhdc.com
Email:yhdc@yhdc.com
1
5
7
9
6
7
9
10
1
5
0.6±0.02
31±0.5
20.32±0.3
5.08
5.08
10.16
6
7
5
9 10
1
Schematic Diagram:
Single output
Double output
Secondary voltage
Secondary full load current
Secondary no load voltage
Front View
Bottom View




Html Pages

1 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl