Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


PE2815-I Datasheet(Fiches technique) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Numéro de pièce PE2815-I
Description  PE series PCB safety isolation transformer
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Site Internet  http://www.yhdc.com
Logo 

   
 1 page
background image
PE series PCB safety isolation transformer
Model:PE2815-I
Characteristics:
Vacuum Epoxy Encapsulated,PCB mounting,Pirmary voltage:
110V/220V/230V,or producing as customerized.
Technical Index:
Technical Index:PCB
Flame resistance :UL94-V0
Insulation class:B
Operation temperature:-30℃~+70℃
Work frequency:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤28
1.5
≤15
≤0.3
85
V
%
%
VA
W
g
Double
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
7.9V×2
9.9V×2
11.9V×2
15.9V×2
20.8V×2
23.8V×2
31.7V×2
Single
7.9V
9.9V
11.9V
15.9V
20.8V
23.8V
31.7V
Double
125mA×2
100mA×2
83mA×2
62.5mA×2
50mA×2
41.5mA×2
31mA×2
Single
250mA
200mA
166mA
125mA
100mA
83mA
62mA
www.yhdc.com
Email:yhdc@yhdc.com
1
5
7
9
6
7
9
10
1
5
0.6±0.02
31.5±0.5
20.32±0.3
5.08
5.08
10.16
6
7
5
9 10
1
Secondary voltage
Secondary full load current
Secondary no load voltage
Schematic Diagram:
Single output
Double output
Front View
Bottom View




Html Pages

1 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl