Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


PE2412-I Datasheet(Fiches technique) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Numéro de pièce PE2412-I
Description  PE series PCB safety isolation transformer
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Site Internet  http://www.yhdc.com
Logo 

   
 1 page
background image
PE series PCB safety isolation transformer
Model:PE2412-I
Characteristics:
Vacuum Epoxy Encapsulated,PCB mounting,open loop circuit
can be allowed in the secondary,Pirmary voltage:110V/
220V/230V,or producing as customerized.
Technical Index:
Technical Index:PCB
Flame resistance :UL94-V0
Insulation class:B
Operation temperature:-30℃~+70℃
Work frequency:50Hz~60Hz
Dielectric strength:3.5KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Schematic Diagram:
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤40
0.7
≤15
≤0.15
45
V
%
%
VA
W
g
Double
Single
www.yhdc.com
Single output
Double output
1
4
6
7
5
6
7
8
1
4
Front View
Bottom View
0.6±0.02
15.24±0.3
5.08 5.08 5.08
4
5
6
7
8
1
26.5±0.5
Secondary voltage
Secondary full load current
Secondary no load voltage
Double
Single
Double
Single
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
6V
7.5V
9V
12V
15V
18V
24V
10.8V×2
13.5V×2
16.2 V×2
21.6 V×2
27 V×2
33 V×2
44 V×2
10.8V
13.5V
16.2V
21.6V
27V
32.4V
43.2V
32mA×2
26mA×2
22mA×2
16mA×2
13mA×2
11mA×2
8mA×2
65mA
52mA
43mA
32mA
26mA
22mA
16mA




Html Pages

1 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl