Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RL-8700-3-121M Fiches technique(PDF) 1 Page - RENCO ELECTRONICS, INC.

No de pièce RL-8700-3-121M
Description  SHIELDED SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-8700-3-121M Fiches technique(HTML) 1 Page - RENCO ELECTRONICS, INC.

  RL-8700-3-121M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-8700-3-121M Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-8700-3-121M Datasheet HTML 3Page - RENCO ELECTRONICS, INC. RL-8700-3-121M Datasheet HTML 4Page - RENCO ELECTRONICS, INC. RL-8700-3-121M Datasheet HTML 5Page - RENCO ELECTRONICS, INC. RL-8700-3-121M Datasheet HTML 6Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
364
RL-8700
SHIELDED SMD
POWER INDUCTORS
• Low profile and compact SMD power inductor
• Shielded construction
• Ideal for DC-DC converters used in laptop computers and other
electronic equipment requiring compact and low loss inductors
FEATURES & APPLICATIONS
DESCRIPTION
• Shielded Power Inductors
ENVIRONMENTAL DATA
• Storage temperature range:
-55°C to +130°C
• Operating temperature range:
-40°C to +130°C
PACKAGING INFORMATION
• Packaging information: pg. 506
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
TOP VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-8700-1
0.8g (0.03oz)
RL-8700-2
0.9g (0.03oz)
PART NUMBER
A (MAX.)
B (MAX.)
C (MAX.)
D
E
F
RL-8700-1
0.27 (6.90)
0.24 (6.20)
0.12 (3.00)
0.023 (0.60)
0.18 (4.60)
0.06 (1.50)
RL-8700-2
0.27 (6.90)
0.24 (6.20)
0.20 (5.00)
0.023 (0.60)
0.18 (4.60)
0.06 (1.50)
A
B
C
D
E
F
G
H
I
BOTTOM VIEW
G (REF.)
H (REF.)
I (REF.)
0.075 (1.90)
0.18 (4.60)
0.077 (1.40)
0.075 (1.90)
0.18 (4.60)
0.077 (1.40)
SCHEMATIC
ST
FN


Numéro de pièce similaire - RL-8700-3-121M

FabricantNo de pièceFiches techniqueDescription
logo
RENCO ELECTRONICS, INC.
RL-8000-1 RENCO-RL-8000-1 Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-100K RENCO-RL-8000-1-100K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-101K RENCO-RL-8000-1-101K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-120K RENCO-RL-8000-1-120K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-121K RENCO-RL-8000-1-121K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
More results

Description similaire - RL-8700-3-121M

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com