Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RL-8700-3-560M Fiches technique(PDF) 3 Page - RENCO ELECTRONICS, INC.

No de pièce RL-8700-3-560M
Description  SHIELDED SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-8700-3-560M Fiches technique(HTML) 3 Page - RENCO ELECTRONICS, INC.

  RL-8700-3-560M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-8700-3-560M Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-8700-3-560M Datasheet HTML 3Page - RENCO ELECTRONICS, INC. RL-8700-3-560M Datasheet HTML 4Page - RENCO ELECTRONICS, INC. RL-8700-3-560M Datasheet HTML 5Page - RENCO ELECTRONICS, INC. RL-8700-3-560M Datasheet HTML 6Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
366
RL-8700-1
Renco Part No.
RL-8700-1
Inductance
(µH)
DCR Max.
(Ohms)
Irms (A)
∆T = 20°C
Irms (A)
∆T = 40°C
Isat
10%
(A)
Isat
20%
(A)
SRF (MHz)
Typ.
RL-8700-1-2R9N
2.9
0.062
1.95
2.80
1.80
2.20
53.00
RL-8700-1-4R0N
4.0
0.075
1.90
2.70
1.80
2.20
36.90
RL-8700-1-5R5N
5.5
0.088
1.80
2.30
1.80
2.20
28.00
RL-8700-1-100M
10.0
0.138
1.35
1.80
1.40
1.60
28.00
RL-8700-1-120M
12.0
0.150
1.32
1.70
1.30
1.50
24.60
RL-8700-1-150M
15.0
0.200
1.20
1.55
1.25
1.40
24.00
RL-8700-1-180M
18.0
0.238
1.18
1.40
1.20
1.35
18.90
RL-8700-1-220M
22.0
0.300
0.95
1.35
1.00
1.15
17.50
RL-8700-1-270M
27.0
0.363
0.90
1.32
0.95
1.10
10.00
RL-8700-1-330M
33.0
0.413
0.70
1.05
0.80
0.90
10.00
RL-8700-1-470M
47.0
0.650
0.65
0.95
0.65
0.75
10.00
RL-8700-1-560M
56.0
0.725
0.60
0.85
0.60
0.65
10.00
RL-8700-1-680M
68.0
1.050
0.55
0.75
0.58
0.62
9.60
RL-8700-1-820M
82.0
1.180
0.50
0.65
0.54
0.60
8.90
RL-8700-1-101M
100.0
1.330
0.45
0.60
0.50
0.55
7.80
RL-8700-1-121M
120.0
1.710
0.37
0.55
0.45
0.50
7.00
RL-8700-1-151M
150.0
2.040
0.35
0.53
0.40
0.45
6.30
RL-8700-1-181M
180.0
3.160
0.33
0.50
0.32
0.35
5.30
RL-8700-1-221M
220.0
3.190
0.32
0.45
0.31
0.34
5.30
RL-8700-1-271M
270.0
3.980
0.28
0.37
0.30
0.32
4.50
RL-8700-1-331M
330.0
4.590
0.25
0.35
0.27
0.30
4.20
N = +40% -20%
M = ±20%
NOTES:
1. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE TO DROP BY PERCENTAGE SHOWN ABOVE
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE BY TEMPERATURE SHOWN ABOVE
3. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
4. RESISTANCE TO SOLDER HEAT: 260ºC 10 SECONDS
5. COMPLETE WINDING TO CORE ISOLATION
6. INDUCTANCE TESTED AT 10 kHz, 0.25Vrms


Numéro de pièce similaire - RL-8700-3-560M

FabricantNo de pièceFiches techniqueDescription
logo
RENCO ELECTRONICS, INC.
RL-8000-1 RENCO-RL-8000-1 Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-100K RENCO-RL-8000-1-100K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-101K RENCO-RL-8000-1-101K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-120K RENCO-RL-8000-1-120K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-121K RENCO-RL-8000-1-121K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
More results

Description similaire - RL-8700-3-560M

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com