Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RL-8700-3-270M Fiches technique(PDF) 6 Page - RENCO ELECTRONICS, INC.

No de pièce RL-8700-3-270M
Description  SHIELDED SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-8700-3-270M Fiches technique(HTML) 6 Page - RENCO ELECTRONICS, INC.

  RL-8700-3-270M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-8700-3-270M Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-8700-3-270M Datasheet HTML 3Page - RENCO ELECTRONICS, INC. RL-8700-3-270M Datasheet HTML 4Page - RENCO ELECTRONICS, INC. RL-8700-3-270M Datasheet HTML 5Page - RENCO ELECTRONICS, INC. RL-8700-3-270M Datasheet HTML 6Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
369
RL-8700-4
M = ±20%
Renco Part No.
RL-8700-4
Inductance
(µH)
DCR Max.
(Ohms)
Irms (A)
∆T = 20°C
Irms (A)
∆T = 40°C
Isat
10%
(A)
Isat
20%
(A)
SRF (MHz)
Typ.
RL-8700-4-3R3M
3.3
0.025
3.40
4.95
4.40
5.30
43.00
RL-8700-4-100M
10.0
0.050
2.55
3.15
2.15
2.65
22.80
RL-8700-4-120M
12.0
0.088
2.40
3.00
1.55
1.85
19.00
RL-8700-4-150M
15.0
0.092
1.80
2.50
1.50
1.80
19.00
RL-8700-4-180M
18.0
0.100
1.75
2.35
1.45
1.75
17.00
RL-8700-4-220M
22.0
0.113
1.70
2.30
1.30
1.65
16.00
RL-8700-4-270M
27.0
0.150
1.55
2.15
1.25
1.55
14.20
RL-8700-4-330M
33.0
0.163
1.35
1.85
1.08
1.35
12.10
RL-8700-4-470M
47.0
0.263
1.00
1.45
1.05
1.25
9.20
RL-8700-4-560M
56.0
0.363
0.90
1.30
0.95
1.20
8.90
RL-8700-4-680M
68.0
0.375
0.85
1.20
0.90
1.15
8.20
RL-8700-4-820M
82.0
0.488
0.70
1.05
0.87
1.10
7.20
RL-8700-4-101M
100.0
0.625
0.65
0.95
0.85
1.08
6.90
RL-8700-4-121M
120.0
0.675
0.63
0.93
0.75
0.90
6.10
RL-8700-4-151M
150.0
0.838
0.62
0.90
0.65
0.85
4.70
RL-8700-4-181M
180.0
0.925
0.60
0.80
0.55
0.70
4.50
RL-8700-4-221M
220.0
1.080
0.55
0.75
0.50
0.65
4.10
RL-8700-4-271M
270.0
1.790
0.50
0.65
0.45
0.55
3.60
RL-8700-4-331M
330.0
2.030
0.45
0.55
0.40
0.50
3.30
RL-8700-4-391M
390.0
2.790
0.40
0.50
0.38
0.45
2.90
RL-8700-4-471M
470.0
3.100
0.35
0.45
0.37
0.40
2.60
RL-8700-4-561M
560.0
3.480
0.30
0.40
0.35
0.38
2.40
RL-8700-4-681M
680.0
3.810
0.27
0.37
0.32
0.35
2.30
RL-8700-4-821M
820.0
4.700
0.25
0.35
0.30
0.34
2.20
RL-8700-4-102M
1000.0
4.880
0.23
0.32
0.28
0.32
1.90
NOTES:
1. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE TO DROP BY PERCENTAGE SHOWN ABOVE
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE BY TEMPERATURE SHOWN ABOVE
3. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
4. RESISTANCE TO SOLDER HEAT: 260ºC 10 SECONDS
5. COMPLETE WINDING TO CORE ISOLATION
6. INDUCTANCE TESTED AT 10 kHz, 0.25Vrms


Numéro de pièce similaire - RL-8700-3-270M

FabricantNo de pièceFiches techniqueDescription
logo
RENCO ELECTRONICS, INC.
RL-8000-1 RENCO-RL-8000-1 Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-100K RENCO-RL-8000-1-100K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-101K RENCO-RL-8000-1-101K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-120K RENCO-RL-8000-1-120K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-121K RENCO-RL-8000-1-121K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
More results

Description similaire - RL-8700-3-270M

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com